Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0836BA02527S Datasheet(PDF) 4 Page - API Technologies Corp

Part # SF0836BA02527S
Description  836.5 MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0836BA02527S Datasheet(HTML) 4 Page - API Technologies Corp

  SF0836BA02527S Datasheet HTML 1Page - API Technologies Corp SF0836BA02527S Datasheet HTML 2Page - API Technologies Corp SF0836BA02527S Datasheet HTML 3Page - API Technologies Corp SF0836BA02527S Datasheet HTML 4Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
836.5 MHz SAW Filter
Part Number: SF0836BA02527S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0836BA02527S Rev A 30-Mar-2010
ECN 36650
Page 4 of 4
E. MEASUREMENT CIRCUIT
50Ω
H P N e tw ork ana ly z e r
50Ω
SA W F ilte r
2
5
1,3,4,6
F. OUTLINE DRAWING
PACKAGE OUTLINE
SUGGESTED FOOTPRINT
Units: mm
Tolerances are
±0.15 mm except where indicated and for the overall length and width, which are nominal
values.
Pad Configuration:
Input:
2
Output:
5
Ground:
All other pads
ISO 9001
Registered
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.


Similar Part No. - SF0836BA02527S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0836BA02527S SPECTRUM-SF0836BA02527S Datasheet
155Kb / 4P
   836.5 MHz SAW Filter
More results

Similar Description - SF0836BA02527S

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
855821 TRIQUINT-855821 Datasheet
381Kb / 5P
   836.5 MHz SAW Filter
logo
Integrated Technology F...
T83651B ITF-T83651B Datasheet
159Kb / 2P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1652A TAI-SAW-TA1652A Datasheet
152Kb / 6P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855729 TRIQUINT-855729 Datasheet
394Kb / 5P
   836.5 MHz SAW Filter
856243 TRIQUINT-856243 Datasheet
527Kb / 6P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1415A TAI-SAW-TA1415A Datasheet
253Kb / 7P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
855821 TRIQUINT-855821_15 Datasheet
558Kb / 5P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1692C TAI-SAW-TA1692C Datasheet
505Kb / 9P
   SAW Filter 836.5 MHz
logo
TriQuint Semiconductor
856704 TRIQUINT-856704_15 Datasheet
331Kb / 6P
   836.5 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1182B MURATA-SF1182B Datasheet
120Kb / 3P
   836.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0183B TAI-SAW-TA0183B Datasheet
1Mb / 7P
   SAW Filter 836.5 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com