Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0866BA02621S Datasheet(PDF) 3 Page - API Technologies Corp

Part # SF0866BA02621S
Description  866 MHz SAW Filter 19 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0866BA02621S Datasheet(HTML) 3 Page - API Technologies Corp

  SF0866BA02621S Datasheet HTML 1Page - API Technologies Corp SF0866BA02621S Datasheet HTML 2Page - API Technologies Corp SF0866BA02621S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
866 MHz SAW Filter
19 MHz Bandwidth
Part Number: SF0866BA02621S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0866BA02621S Rev A
30-Mar-2010
ECN 36650 Page 3 of 3
PACKAGE OUTLINE
MARKING
All specifications are believed to be accurate and reliable. However, Spectrum Microwave reserves the right to make changes without notice.
© 2010 All rights reserved.
ISO 9001
Registered
Units: mm
Pin Configuration:
Input:
2
Output:
6
Ground:
1, 3, 4, 6, 7, 8
Package Material:
Body: Al2O3 ceramic
Lid: Kovar, Ni plated
Terminations: Au plating 1 µm min,
over a 1.3-8.9 µm Ni plating
Model Identification: IP = SF0866BA02621S
Week Code: A through Z followed by a through z equals 52 weeks.
Year Code: A = 2001, B=2002, C=2003, to J=2010 (Code A through J
repeats every 10 years)
I P
G m
A


Similar Part No. - SF0866BA02621S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0866BA02621S SPECTRUM-SF0866BA02621S Datasheet
180Kb / 3P
   866 MHz SAW Filter 19 MHz Bandwidth
More results

Similar Description - SF0866BA02621S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF0866BA02621S SPECTRUM-SF0866BA02621S Datasheet
180Kb / 3P
   866 MHz SAW Filter 19 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0801A TAI-SAW-TA0801A Datasheet
435Kb / 7P
   SAW Filter 866 MHz
TA1362A TAI-SAW-TA1362A Datasheet
451Kb / 6P
   SAW Filter 866 MHz
TA1480A TAI-SAW-TA1480A Datasheet
267Kb / 6P
   SAW Filter 866 MHz
logo
Integrated Circuit Syst...
SF0240CD03109S ICST-SF0240CD03109S Datasheet
85Kb / 3P
   240 MHz SAW Filter 1.23 MHz Bandwidth
logo
API Technologies Corp
SF0140BA02359T APITECH-SF0140BA02359T Datasheet
141Kb / 3P
   140 MHz SAW Filter 4.7 MHz Bandwidth
SF0130BA02247T APITECH-SF0130BA02247T Datasheet
143Kb / 3P
   130 MHz SAW Filter 18 MHz Bandwidth
SF0115BA03227S APITECH-SF0115BA03227S Datasheet
158Kb / 3P
   115.2 MHz SAW Filter 3.84 MHz Bandwidth
SF0434BA02507S APITECH-SF0434BA02507S Datasheet
138Kb / 3P
   434 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0400BA02375S SPECTRUM-SF0400BA02375S Datasheet
148Kb / 3P
   400 MHz SAW Filter 55 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com