Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV2001TC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS62UV2001TC
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV2001TC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS62UV2001TC Datasheet HTML 1Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 2Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 3Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 4Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 5Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 6Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 7Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 8Page - Brilliance Semiconductor BS62UV2001TC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
R0201-BS62UV2001
Revision 2.4
April 2002
3
BSI
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE1
Vcc - 0.2V, CE2
0.2V,
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE1
Vcc - 0.2V, CE2
0.2V,
VIN
Vcc - 0.2V or VIN
0.2V
--
0.01
0.5
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DATA RETENTION CHARACTERISTICS ( TA = 0oC to + 70oC )
DC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC )
LOW VCC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
LOW VCC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR
1.5V
CE2
0.2V
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=2.0V
-0.5
--
0.6
VIL
Guaranteed Input Low
Voltage(2)
Vcc=3.0V
-0.5
--
0.8
V
Vcc=2.0V
1.4
--
Vcc+0.2
VIH
Guaranteed Input High
Voltage(2)
Vcc=3.0V
2.0
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE1 = VIH or CE2=VIL
or OE = VIH, VI/O = 0V to Vcc
--
--
1
uA
Vcc=2.0V
--
--
0.4
VOL
Output Low Voltage
Vcc = Max, IOL = 1mA
Vcc=3.0V
--
--
0.4
V
Vcc=2.0V
1.6
--
--
VOH
Output High Voltage
Vcc = Min, IOH = -0.5mA
Vcc=3.0V
2.4
--
--
V
Vcc=2.0V
--
--
15
ICC
Operating Power Supply
Current
Vcc = Max, CE1= VIL, CE2=VIH
IDQ = 0mA, F = Fmax(3)
Vcc=3.0V
--
--
20
mA
Vcc=2.0V
--
--
0.6
ICCSB
Standby Current-TTL
Vcc = Max, CE1 = VIH or CE2=VIL
IDQ = 0mA
Vcc=3.0V
--
--
1
mA
Vcc=2.0V
--
0.08
0.5
ICCSB1
Standby Current-CMOS
Vcc = Max, CE1 Vcc-0.2V or
CE2 0.2V ;VIN
Vcc - 0.2V or
VIN 0.2V
Vcc=3.0V
--
0.1
0.7
uA
BS62UV2001


Similar Part No. - BS62UV2001TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006DC BSI-BS62UV2006DC Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006DC-10 BSI-BS62UV2006DC-10 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006DC-85 BSI-BS62UV2006DC-85 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62UV2006DCG10 BSI-BS62UV2006DCG10 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62UV2001TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV2006 BSI-BS62UV2006 Datasheet
320Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-I AMICC-LP62S2048A-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Mosel Vitelic, Corp
V62C2802048L MOSEL-V62C2802048L Datasheet
94Kb / 10P
   Ultra Low Power 256K x 8 CMOS SRAM
V62C1802048L MOSEL-V62C1802048L Datasheet
84Kb / 9P
   Ultra Low Power 256K x 8 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com