Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV256TC Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS62UV256TC
Description  Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256TC Datasheet(HTML) 9 Page - Brilliance Semiconductor

Back Button BS62UV256TC Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 9Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 10Page - Brilliance Semiconductor BS62UV256TC Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Revision 2.2
April 2001
9
PACKAGE DIMENSIONS (continued)
BSI
BS62UV256
R0201-BS62UV256
PDIP - 28
1
14
14
D
1
HD
cL
28
15
"A"
15
28
WITH PLATING
SECTION A-A
BASE METAL
c c1
b1
b
12 (2X)
12 (2X)
SEATING PLANE
"A" DATAIL VIEW
Seating Plane
12 (2x)
12 (2x)
GAUGE PLANE
L1
L
A
A
0
y
0.004 ~ 0.006
0.004 ~ 0.008
0.0045 0.0026
0.0315 0.004
0.0197
0.022 0.004
0.008 0.001
0 ~ 8
0.004 Max.
0.528 0.008
0.315 0.004
0.465 0.004
0.009 0.002
0.039 0.002
0.0433 0.004
INCH
c1
L1
0
y
D
E
HD
L
e
SYMBOL
c
A
A1
b
A2
b1
UNIT
0.10 ~ 0.16
0.80 0.10
0 ~ 8
0.1 Max.
0.55 0.10
11.80 0.10
0.50
13.40 0.20
8.00 0.10
-0.004
+0.008
-0.10
+0.20
0.115 0.065
MM
0.10 ~ 0.21
0.20 0.03
0.22 0.05
1.00 0.05
1.10 0.10
TSOP - 28


Similar Part No. - BS62UV256TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256TC10 BSI-BS62UV256TC10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256TC15 BSI-BS62UV256TC15 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256TCG10 BSI-BS62UV256TCG10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256TCG10 BSI-BS62UV256TCG10 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256TCG15 BSI-BS62UV256TCG15 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_06 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256_08 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com