Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBF25PNBTD Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DBF25PNBTD
Description  Plug viewed from above, socket viewed from below.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBF25PNBTD Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  DBF25PNBTD Datasheet HTML 1Page - List of Unclassifed Manufacturers DBF25PNBTD Datasheet HTML 2Page - List of Unclassifed Manufacturers DBF25PNBTD Datasheet HTML 3Page - List of Unclassifed Manufacturers DBF25PNBTD Datasheet HTML 4Page - List of Unclassifed Manufacturers DBF25PNBTD Datasheet HTML 5Page - List of Unclassifed Manufacturers DBF25PNBTD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Crimp D
FLEXIBLE AND FAST ASSEMBLY D SUB-MINIATURE
High Density D
INCREASED DENSITY D SUB-MINIATURE
FEATURES
Replaceable contacts – no
connector wastage.
Two contact performance
levels – Budget for
commercial and Standard for
industrial applications.
Accepts wire sizes of 20 to 28
AWG – offers greater
flexibility.
Tinned and dimpled shell
options – for effective
EMI/RFI shielding.
Complete selection of crimp
tooling enables quick
assembly.
Wire strip length 2.4
± 0.2mm.
FEATURES
Tinned and dimpled shell as
standard for enhanced
electrical continuity and
effective EMI/RFI shielding.
Threaded inserts – enable
quick assembly of mounting
hardware to 90° p.c. versions.
Solder bucket, straight p.c.
90° p.c. and crimp
termination styles.
Optional screwlocks and
solderable boardlocks fitted
to 90° p.c. versions.
Compatible with Standard D
range accessories.
All ranges: female
No.of
contacts
9
15
25
37
50
A
31.19
30, 43
39.52
38.76
53.42
52.65
69.70
68.94
67.34
66.55
B
16.46
16.21
24.79
24.54
38.51
38.25
54.97
54.71
52.56
52.30
C
25.12
24.87
33.45
33.20
47.17
46.91
63.63
63.37
61.24
60.99
D
8.03
7.77
8.03
7.77
8.03
7.77
8.03
7.77
10.87
10.62
E
12.93
12.17
12.93
12.17
12.93
12.17
12.93
12.17
15.75
14.99
F
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
6.30
6.05
Maximum flexibility and
reduced assembly costs
are achieved through full
or partial loading of
selectively plated
stamped and formed
contacts.
Increased contact
density is provided in five
industry standard shell
sizes providing up to 78
contacts. A choice of
four termination styles
including crimp are
available making this
range one of the most
versatile.
ASSEMBLY TOOLS AND HAND TOOLS
r: 1.04 max
F
A
B
C
r: 2.54
D
E
10º
FRONT FACE
11
max
12.5
9.1
2.3
4.3
10.5
9.5 5.3
Ø 0.6
9.0
11.5
14.0
Ø 0.6
3.3
11
max
Crimp
Hand Crimp Tool MP600-D/HD
Insertion/extraction tool MP601-D or MP601-HD
Solder Bucket
Straight P. C.
90º P. C.
Crimp
r: 1.30
0.75


Similar Part No. - DBF25PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBF25PNBTD ETC2-DBF25PNBTD Datasheet
745Kb / 6P
   PCB layouts
More results

Similar Description - DBF25PNBTD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDA15SNT ETC2-SDA15SNT Datasheet
745Kb / 6P
   Plug viewed from above, socket viewed from below.
logo
Maxim Integrated Produc...
MAX14760 MAXIM-MAX14760 Datasheet
1Mb / 13P
   Above- and Below-the-Rails Low-Leakage Analog Switches
19-6052; Rev 1; 8/12
MAX14759 MAXIM-MAX14759 Datasheet
2Mb / 16P
   Above- and Below-the-Rails Low On-Resistance Analog Switches
Rev 1; 8/12
logo
Littelfuse
SP1002-02JTG LITTELFUSE-SP1002-02JTG Datasheet
548Kb / 1P
   Audio ports typically have signals that swing above and below GND
logo
WECO ELECTRICAL CONNECT...
971-FBS WECO-971-FBS Datasheet
99Kb / 1P
   Plug connector Screw connection, plugable from backside
12.17
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778 Datasheet
2Mb / 15P
   Dual 25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 0; 6/11
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Maxim Integrated Produc...
MAX14778 MAXIM-MAX14778_V01 Datasheet
1Mb / 16P
   Dual 짹25V Above- and Below-the-Rails 4:1 Analog Multiplexer
19-5929; Rev 3; 7/20
MAX14778 MAXIM-MAX14778_12 Datasheet
2Mb / 15P
   Dual ±25V Above- and Below-the-Rails 4:1 Analog Multiplexer
Rev 1; 6/12
logo
Lumileds Lighting Compa...
LXA7-PW30 LUMILEDS-LXA7-PW30 Datasheet
1Mb / 22P
   Freedom From Binning
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com