Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC405 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # STC405
Description  Low saturation switching application
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STC405 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  STC405 Datasheet HTML 1Page - KODENSHI_AUK CORP. STC405 Datasheet HTML 2Page - KODENSHI_AUK CORP. STC405 Datasheet HTML 3Page - KODENSHI_AUK CORP. STC405 Datasheet HTML 4Page - KODENSHI_AUK CORP. STC405 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-T0O064-001
2
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector cut-off current
ICBO
VCB=80V, IE=0
-
-
10
μA
Emitter cut-off current
IEBO
VEB=5V, IC=0
-
-
10
μA
Collector-Emitter breakdown voltage
V(BR)CEO
IC=1mA, IB=0
60
-
-
V
DC current gain
hFE *
VCE=5V, IC=1A
200
-
400
-
VCE=5V, IC=3A
80
-
-
Collector-Emitter saturation voltage
VCE(sat)
IC=3A, IB=300mA
-
-
1
V
Base-Emitter saturation voltage
VBE(sat)
IC=3A, IB=300mA
-
-
1.5
V
Transition frequency
fT
VCB=5V, IC=50mA
-
8
-
MHz
Collector output capacitance
Cob
VCB=10V, IE=0, f=1MHz
-
25
-
pF
* hFE rank : 200~400 Only
STC405


Similar Part No. - STC405

ManufacturerPart #DatasheetDescription
logo
AUK corp
STC405 AUK-STC405 Datasheet
93Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC405 KODENSHI-STC405 Datasheet
269Kb / 5P
   NPN Silicon Transistor
logo
STMicroelectronics
STC4054 STMICROELECTRONICS-STC4054 Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
STC4054 STMICROELECTRONICS-STC4054 Datasheet
1Mb / 6P
   Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
STC4054GR STMICROELECTRONICS-STC4054GR Datasheet
299Kb / 17P
   800mA Standalone linear Li-Ion Battery charger with thermal regulation
More results

Similar Description - STC405

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SPS8050 KODENSHI-SPS8050 Datasheet
204Kb / 4P
   Low saturation medium current application
logo
Diodes Incorporated
ZXT13N20DE6 DIODES-ZXT13N20DE6_15 Datasheet
425Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT10N50DE6 DIODES-ZXT10N50DE6_15 Datasheet
355Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13N15DE6 DIODES-ZXT13N15DE6_15 Datasheet
529Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT10N15DE6 DIODES-ZXT10N15DE6_15 Datasheet
365Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
ZXT13P20DE6 DIODES-ZXT13P20DE6_16 Datasheet
376Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 DIODES-ZXT13P12DE6_15 Datasheet
385Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT10N20DE6 DIODES-ZXT10N20DE6_15 Datasheet
365Kb / 7P
   NPN LOW SATURATION SWITCHING TRANSISTOR
logo
Infineon Technologies A...
IGC136T170S8RH2 INFINEON-IGC136T170S8RH2 Datasheet
175Kb / 5P
   low switching losses and saturation losses
logo
Diodes Incorporated
ZXT3M322 DIODES-ZXT3M322 Datasheet
389Kb / 6P
   40V PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com