Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACF2101BU Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ACF2101BU
Description  Low Noise, Dual SWITCHED INTEGRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ACF2101BU Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ACF2101BU Datasheet HTML 4Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 5Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 6Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 7Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 8Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 9Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 10Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 11Page - Burr-Brown (TI) ACF2101BU Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
ACF2101
8
FIGURE 1c. Circuit Connections with External Capacitors
and Guarding, SOIC package.
FIGURE 1d. Circuit Connections with External Capacitors
and Guarding, DIP.
FIGURE 2b. PC Board Layout Showing “Guard” Traces for
Input, DIP. Both top and bottom of board
should be guarded.
FIGURE 2a. PC Board Layout Showing “Guard” Traces for
Input, SOIC package. Both top and bottom of
board should be guarded.
Top View
ACF2101BU
Top View
ACF2101BP
ACF2101BU
ACF2101BP
Guards
Sw In A 24
In A 23
Cap A 22
Com A 21
1 Sw In B
2 In B
3 Cap B
4 Com B
SOIC
Guards
3 Com A
4 Cap A
5 In A
6 Sw In A
7 Sw In B
8 In B
9 Cap B
10 Com B
DIP
Sw In B
In B
Cap B
Com B
Gnd B
Out B
V–
Sw In A
In A
Cap A
Com A
Gnd A
Out A
V+
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
1
µF
V–
1
µF
V+
Input
Input
* Optional External C
Guards
These points must be connected to a
common ground point or a ground plane.
+
+
V
OUT
*
*
V
OUT
SOIC
Out A
Gnd A
Com A
Cap A
In A
Sw In A
Sw In B
In B
Cap B
Com B
Gnd B
Out B
V+
V–
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Input
Optional External C
Guards
These points must be connected to a
common ground point or a ground plane.
*
V
OUT
Input
V
OUT
*
*
DIP
V+
V–
1
µF
1
µF


Similar Part No. - ACF2101BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACF2101BU TI1-ACF2101BU Datasheet
163Kb / 16P
[Old version datasheet]   Low Noise, Dual SWITCHED INTEGRATOR
ACF2101BUE4 TI1-ACF2101BUE4 Datasheet
163Kb / 16P
[Old version datasheet]   Low Noise, Dual SWITCHED INTEGRATOR
More results

Similar Description - ACF2101BU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ACF2101BUE4 TI1-ACF2101BUE4 Datasheet
163Kb / 16P
[Old version datasheet]   Low Noise, Dual SWITCHED INTEGRATOR
logo
Burr-Brown (TI)
IVC102 BURR-BROWN-IVC102 Datasheet
124Kb / 10P
   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
IVC102 TI1-IVC102 Datasheet
664Kb / 15P
[Old version datasheet]   PRECISION SWITCHED INTEGRATOR TRANSIMPEDANCE AMPLIFIER
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Texas Instruments
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016_1 Datasheet
270Kb / 6P
   Switched Low Noise Amplifier 800 - 1000 MHz
logo
Texas Instruments
LM2750SD-50 TI-LM2750SD-50 Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Tyco Electronics
AM55-0016 MACOM-AM55-0016 Datasheet
92Kb / 4P
   Switched Low Noise Amplifier 800 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com