Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV256PI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62UV256PI
Description  Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256PI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62UV256PI Datasheet HTML 1Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 2Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256PI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision 2.2
April 2001
1
BSI
A6
Ultra Low Power/Voltage CMOS SRAM
32K X 8 bit
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
2.0V
Vcc=
3.0V
Vcc=
2.0V
Vcc=
3.0V
Vcc=
2.0V
PKG
TYPE
BS62UV256SC
SOP-28
BS62UV256TC
TSOP-28
BS62UV256PC
PDIP-28
BS62UV256JC
SOJ-28
BS62UV256DC
+0
O C to +70 O C
1.8V ~ 3.6V
150
0.2uA
0.1uA
20mA
10mA
DICE
BS62UV256SI
SOP-28
BS62UV256TI
TSOP-28
BS62UV256PI
PDIP-28
BS62UV256JI
SOJ-28
BS62UV256DI
-40
O C to +85 O C
1.8V ~ 3.6V
150
0.4uA
0.3uA
25mA
15mA
DICE
• Ultra low operation voltage : 1.8V ~ 3.6V
• Ultra low power consumption :
Vcc = 2.0V
C-grade : 10mA (Max.) operating current
I- grade : 15mA (Max.) operating current
0.005uA (Typ.) CMOS standby current
Vcc = 3.0V
C-grade : 20mA (Max.) operating current
I-grade : 25mA (Max.) operating current
0.01uA (Typ.) CMOS standby current
• High speed access time :
-15
150ns (Max.) at Vcc = 2.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
The BS62UV256 is a high performance, ultra low power CMOS
Static Random Access Memory organized as 32,768 words by 8 bit
and operates from a wide range of 1.8V to 3.6V supply voltage.
Advanced CMOS technology and circuit techniques provide both h
speed and low power features with a typical CMOS standby current
0.005uA and maximum access time of 150ns in 2V operation.
Easy memory expansion is provided by an active LOW
enable (CE), and active LOW output enable (OE) and three-st
output drivers.
The BS62UV256 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62UV256
is available in the JEDEC standard 28
330mil Plastic SOP, 8mmx13.4mm TSOP (normal type), 300mi
SOJ and 600mil Plastic DIP.
s
igh
of
chip
ate
pin
l Plastic
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
512 x 512
Column I/O
Sense Amp
Write Driver
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE
DQ5
DQ4
A12
A8
A7
8
8
8
8
DQ7
DQ6
DQ3
DQ2
DQ1
DQ0
A11
A9
A5
12
64
512
512
18
A14
A13
A4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
BS62UV256
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C
R0201-BS62UV256
BS62UV256TC
BS62UV256TI
BS62UV256SC
BS62UV256SI
BS62UV256PC
BS62UV256PI


Similar Part No. - BS62UV256PI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256PI10 BSI-BS62UV256PI10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256PI15 BSI-BS62UV256PI15 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256PIG10 BSI-BS62UV256PIG10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256PIG10 BSI-BS62UV256PIG10 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256PIG15 BSI-BS62UV256PIG15 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256PI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_06 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256_08 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com