Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62UV256JI Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62UV256JI
Description  Ultra Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62UV256JI Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62UV256JI Datasheet HTML 1Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 2Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 3Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 4Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 5Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 6Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 7Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 8Page - Brilliance Semiconductor BS62UV256JI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Revision 2.2
April 2001
4
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS62UV256 -15
MIN. TYP. MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
150
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
150
ns
t
ELQV
t
ACS
Chip Select Access Time
--
--
150
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
100
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
0--
35
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
ns
t
AXOX
t
OH
Output Disable to Output Address Change
10
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc = 2.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
800
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
5ns
90%
10%
1.2V
OUTPUT
FIGURE 2
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
2000
5PF
FIGURE 1B
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
100PF
FIGURE 1A
2000
BSI
BS62UV256
R0201-BS62UV256


Similar Part No. - BS62UV256JI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256DC10 BSI-BS62UV256DC10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256DC15 BSI-BS62UV256DC15 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256DCG10 BSI-BS62UV256DCG10 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62UV256JI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62UV256 BSI-BS62UV256_06 Datasheet
240Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
BS62UV256 BSI-BS62UV256_08 Datasheet
311Kb / 10P
   Ultra Low Power CMOS SRAM 32K X 8 bit
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C62256 ALSC-AS6C62256 Datasheet
2Mb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256 ETC-UT62256 Datasheet
182Kb / 10P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L256 LYONTEK-LY62L256 Datasheet
203Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com