Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

110IMX7 Datasheet(PDF) 2 Page - Power-One

Part # 110IMX7
Description  IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

110IMX7 Datasheet(HTML) 2 Page - Power-One

  110IMX7 Datasheet HTML 1Page - Power-One 110IMX7 Datasheet HTML 2Page - Power-One 110IMX7 Datasheet HTML 3Page - Power-One 110IMX7 Datasheet HTML 4Page - Power-One 110IMX7 Datasheet HTML 5Page - Power-One 110IMX7 Datasheet HTML 6Page - Power-One 110IMX7 Datasheet HTML 7Page - Power-One 110IMX7 Datasheet HTML 8Page - Power-One 110IMX7 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
BCD20007-G Rev AE, 14-May-2012
Page 2 of 14
www.power-one.com
®
IMX7, IMS7 Series Data Sheet
7-Watt DC-DC Converters
Model Selection
Table 1: Model Selection
Output 1
Output 21
Output power
Input voltage
Efficiency
Model
Options
Vo1nom
Io1 nom
Vo2 nom
Io2 nom
Po nom
range
ηηηηηmin
ηηηηηtyp
[ V]
[ A ]
[ V]
[A] 1
[ W ]
[ V]
[%]
[%]
3.3
1.5
-
-
5
8.4 – 36
74
78
20IMX7-03-8
Z, G
3.3
1.5
-
-
5
14 – 36
75.5
79
24IMS7-03-9
Z, G
3.3
1.5
-
-
5
16.82 – 75
74.7
79
40IMX7-03-8
Z, G
3.3
1.5
-
-
5
36 – 75
77
79
48IMS7-03-9
Z, G
3.3
1.5
-
-
5
40 – 121
76
78
70IMX7-03-8
Z, G
3.3
1.5
-
-
5
60 – 150 2
74.5
78
110IMX7-03-8
Z, G
5.1
1.2
-
-
6.1
8.4 – 36
75.5
78
20IMX7-05-8
M,
Z, G
5.1
1.2
-
-
6.1
14 – 36
77
80
24IMS7-05-9
Z, G
5.1
1.2
-
-
6.1
16.82 – 75
79
81
40IMX7-05-8
M
, Z, G
5.1
1.2
-
-
6.1
36 – 75
78
81
48IMS7-05-9
Z, G
5.1
1.2
-
-
6.1
40 – 121
75.5
78
70IMX7-05-8
M
, Z, G
5.1
1.2
-
-
6.1
60 – 150 3
76
79
110IMX7-05-8
M,
Z, G
5
0.6
5
0.6
6
8.4 – 36
77
81
20IMX7-05-05-8
M,
Z, G
5
0.7
5
0.7
7
14 – 36
79
82
24IMS7-05-05-9
Z, G
5
0.7
5
0.7
7
16.82 – 75
79.5
82
40IMX7-05-05-8
M,
Z, G
5
0.7
5
0.7
7
36 – 75
81.5
83
48IMS7-05-05-9
Z, G
5
0.7
5
0.7
7
40 – 121
81
82
70IMX7-05-05-8
M, Z, G
5
0.7
5
0.7
7
60 – 150 3
78
80
110IMX7-05-05-8
M
, Z, G
12
0.25
12
0.25
6
8.4 – 36
80.5
83
20IMX7-12-12-8
M,
Z, G
12
0.3
12
0.3
7.2
14 – 36
81.5
85
24IMS7-12-12-9
Z, G
12
0.3
12
0.3
7.2
16.82 – 75
82.5
84
40IMX7-12-12-8
M,
Z, G
12
0.3
12
0.3
7.2
36 – 75
82
84
48IMS7-12-12-9
Z, G
12
0.3
12
0.3
7.2
40 – 121
83
85
70IMX7-12-12-8
M,
Z, G
12
0.3
12
0.3
7.2
60 – 150 3
80
83
110IMX7-12-12-8
M
, Z, G
15
0.2
15
0.2
6
8.4 – 36
81
83
20IMX7-15-15-8
M,
Z, G
15
0.24
15
0.24
7.2
14 – 36
81.5
84
24IMS7-15-15-9
Z, G
15
0.24
15
0.24
7.2
16.82 – 75
81
84
40IMX7-15-15-8
M,
Z, G
15
0.24
15
0.24
7.2
36 – 75
82
84
48IMS7-15-15-9
Z, G
15
0.24
15
0.24
7.2
40 – 121
81.5
83
70IMX7-15-15-8
M,
Z, G
15
0.24
15
0.24
7.2
60 – 1503
79
82
110IMX7-15-15-8
M,
Z, G
24
0.13
24
0.13
6.2
8.4 – 36
79
83
20IMX7-24-24-8
M,
Z, G
24
0.15
24
0.15
7.2
14 – 36
82
84
24IMS7-24-24-9
Z, G
24
0.15
24
0.15
7.2
16.82 – 75
82
84
40IMX7-24-24-8
M,
Z, G
24
0.15
24
0.15
7.2
36 – 75
82
84
48IMS7-24-24-9
Z, G
24
0.15
24
0.15
7.2
40 – 121
80
83
70IMX7-24-24-8
M
, Z, G
24
0.15
24
0.15
7.2
60 – 1503
81
84
110IMX7-24-24-8
M
, Z, G
1 Flexible load distribution on double-outputs possible. If only one output is used, connect both outputs of double-output models in parallel.
2 Operation at low input voltage possible, if Po is reduced to approx. 80% of Po nom at Vi min = 14.1 V.
3 Up to 154 V for 2 s
NFND: Not for new designs.
Preferred for new designs
Note
: Use 20IMX7 to replace 24IMS7 and 40IMX7 to replace 48IMS7.


Similar Part No. - 110IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
110IMX7 POWER-ONE-110IMX7 Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7 POWER-ONE-110IMX7 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
110IMX7 BEL-110IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
110IMX7-03-8 POWER-ONE-110IMX7-03-8 Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
110IMX7-03-8 BEL-110IMX7-03-8 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
More results

Similar Description - 110IMX7

ManufacturerPart #DatasheetDescription
logo
Power-One
20IMX7-05-8G POWER-ONE-20IMX7-05-8G Datasheet
636Kb / 14P
   IMX7, IMS7 Series Data Sheet 7-Watt DC-DC Converters
110IMX7-05-8G POWER-ONE-110IMX7-05-8G Datasheet
380Kb / 15P
   IMX7/IMS7 DC-DC Series Data Sheet 7-Watt DC-DC Converters
logo
Bel Fuse Inc.
20IMX4-03-8 BEL-20IMX4-03-8 Datasheet
1Mb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
logo
Power-One
20IMX4-12-8 POWER-ONE-20IMX4-12-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-0505-8 POWER-ONE-20IMX4-0505-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
20IMX4-05-8 POWER-ONE-20IMX4-05-8 Datasheet
682Kb / 12P
   IMX4 Series Data Sheet 4 Watt DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
logo
Bel Fuse Inc.
IMX7 BEL-IMX7 Datasheet
480Kb / 14P
   7-Watt DC-DC Converters
logo
Power-One
IMX7 POWER-ONE-IMX7 Datasheet
56Kb / 4P
   7 Watt DC-DC Converters
EQ2660-9R POWER-ONE-EQ2660-9R Datasheet
2Mb / 26P
   Q Series Data Sheet 66 ??132 Watt DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com