Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66226-010LF Datasheet(PDF) 3 Page - FCI connector

Part # 66226-010LF
Description  CLINCHER PIN ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

66226-010LF Datasheet(HTML) 3 Page - FCI connector

  66226-010LF Datasheet HTML 1Page - FCI connector 66226-010LF Datasheet HTML 2Page - FCI connector 66226-010LF Datasheet HTML 3Page - FCI connector 66226-010LF Datasheet HTML 4Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PDS: Rev :X
STATUS:Released
Printed: Apr 09, 2012


Similar Part No. - 66226-010LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
66226-008 FCI-CONNECTOR-66226-008 Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
More results

Similar Description - 66226-010LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
66226-008 FCI-CONNECTOR-66226-008 Datasheet
317Kb / 4P
   CLINCHER PIN ASSEMBLY
65801-011LF FCI-CONNECTOR-65801-011LF Datasheet
686Kb / 7P
   CLINCHER RECEPTACLE ASSEMBLY
logo
Tyco Electronics
1-206763-1 MACOM-1-206763-1 Datasheet
77Kb / 1P
   PIN HEADER ASSEMBLY
logo
Winchester Electronics ...
1008003P WINCHESTER-1008003P Datasheet
4Mb / 7P
   PIN CONTACT ASSEMBLY
logo
FCI connector
91570-006LF FCI-CONNECTOR-91570-006LF Datasheet
168Kb / 2P
   POWER PIN ASSEMBLY 12MM
logo
Tyco Electronics
650930 MACOM-650930 Datasheet
145Kb / 1P
   PIN ASSEMBLY, EUROCARD, TYPE R
207365-7 MACOM-207365-7 Datasheet
133Kb / 1P
   PIN HEADER ASSEMBLY, 3 POSN
logo
Winchester Electronics ...
RM200C-21WA4S-0 WINCHESTER-RM200C-21WA4S-0 Datasheet
127Kb / 1P
   21WA4S GUIDE PIN PLATE ASSEMBLY
logo
Tyco Electronics
350428 MACOM-350428 Datasheet
95Kb / 1P
   PIN HEADER ASSEMBLY, 2 CIRCUIT
350732-4 MACOM-350732-4 Datasheet
183Kb / 1P
   PIN HEADER ASSEMBLY, 6 CIRCUIT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com