Electronic Components Datasheet Search |
|
B32529C5105K Datasheet(PDF) 2 Page - EPCOS |
|
B32529C5105K Datasheet(HTML) 2 Page - EPCOS |
2 / 31 page Typical applications Blocking Coupling, decoupling Bypassing RFI for automotive Climatic Max. operating temperature: 125 °C Climatic category (IEC 60068-1): 55/125/56 Construction Dielectric: polyethylene terephthalate (polyester, PET) Stacked-film technology for lead spacing 5 to 15 mm = code D or C in digit 7 of ordering code Wound capacitor technology for lead spacing 10 to 27.5 mm = code N, Q or T in digit 7 of ordering code Plastic case (UL 94 V-0) Epoxy resin sealing (UL 94 V-0) Features High pulse strength High contact reliability Terminals Parallel wire leads, lead-free tinned Special lead lengths available on request Marking Manufacturer's logo, rated capacitance (coded), cap. tolerance (code letter), rated DC voltage, date of manufacture (coded), coded type ("1") for lead spacing 5 mm, series and lot number for lead spacing ≥10 mm Delivery mode Bulk (untaped) Taped (Ammo pack or reel) For notes on taping, refer to chapter "Taping and packing“. Dimensional drawing Dimensions in mm 1) 0.5 mm for capacitor width w = 4 mm Lead spacing ±0.4 Lead diameter d1 Type 5.0 0.5 B32529 7.5 0.5 B32520 10.0 0.61) B32521 15.0 0.8 B32522 22.5 0.8 B32523 27.5 0.8 B32524 Metallized polyester film capacitors (MKT) B32520 ... B32529 General purpose (stacked/wound) 2 |
Similar Part No. - B32529C5105K |
|
Similar Description - B32529C5105K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |