Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7804P Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7804P
Description  12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7804P Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7804P Datasheet HTML 1Page - Burr-Brown (TI) ADS7804P Datasheet HTML 2Page - Burr-Brown (TI) ADS7804P Datasheet HTML 3Page - Burr-Brown (TI) ADS7804P Datasheet HTML 4Page - Burr-Brown (TI) ADS7804P Datasheet HTML 5Page - Burr-Brown (TI) ADS7804P Datasheet HTML 6Page - Burr-Brown (TI) ADS7804P Datasheet HTML 7Page - Burr-Brown (TI) ADS7804P Datasheet HTML 8Page - Burr-Brown (TI) ADS7804P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
ADS7804
5
BASIC OPERATION
Figure 1 shows a basic circuit to operate the ADS7804 with
a full parallel data output. Taking R/C (pin 24) LOW for a
minimum of 40ns (6
µs max) will initiate a conversion.
BUSY (pin 26) will go LOW and stay LOW until the
conversion is completed and the output registers are up-
dated. Data will be output in Binary Two’s Complement
with the MSB on pin 6. BUSY going HIGH can be used to
latch the data. All convert commands will be ignored while
BUSY is LOW.
The ADS7804 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external
trimming with a single supply. The external resistors com-
pensate for this adjustment and can be left out if the offset
and gain will be corrected in software (refer to the Calibra-
tion section).
STARTING A CONVERSION
The combination of CS (pin 25) and R/C (pin 24) LOW for
a minimum of 40ns immediately puts the sample/hold of the
ADS7804 in the hold state and starts conversion ‘n’. BUSY
(pin 26) will go LOW and stay LOW until conversion ‘n’ is
completed and the internal output register has been updated.
All new convert commands during BUSY LOW will be
ignored. CS and/or R/C must go HIGH before BUSY goes
HIGH or a new conversion will be initiated without suffi-
cient time to acquire a new signal.
The ADS7804 will begin tracking the input signal at the end
of the conversion. Allowing 10
µs between convert com-
mands assures accurate acquisition of a new signal. Refer to
Table II for a summary of CS, R/C, and BUSY states and
Figures 3 through 5 for timing diagrams.
CS and R/C are internally OR’d and level triggered. There
is not a requirement which input goes LOW first when
initiating a conversion. If, however, it is critical that CS or
R/C initiates conversion ‘n’, be sure the less critical input is
LOW at least 10ns prior to the initiating input.
To reduce the number of control pins, CS can be tied LOW
using R/C to control the read and convert modes. This will
have no effect when using the internal data clock in the serial
output mode. However, the parallel output will become
active whenever R/C goes HIGH. Refer to the Reading
Data section.
FIGURE 1. Basic Operation.
CS
R/C
BUSY
OPERATION
1
X
X
None. Databus is in Hi-Z state.
0
1
Initiates conversion “n”. Databus remains
in Hi-Z state.
0
1
Initiates conversion “n”. Databus enters Hi-Z
state.
01
Conversion “n” completed. Valid data from
conversion “n” on the databus.
1
1
Enables databus with valid data from
conversion “n”.
1
0
Enables databus with valid data from
conversion “n-1”(1). Conversion n in process.
0
0
Enables databus with valid data from
conversion “n-1”(1). Conversion “n” in process.
00
New conversion initiated without acquisition
of a new signal. Data will be invalid. CS and/or
R/C must be HIGH when BUSY goes HIGH.
X
X
0
New convert commands ignored. Conversion
“n” in process.
NOTE: (1) See Figures 2 and 3 for constraints on data valid from
conversion “n-1”.
Table II. Control Line Functions for “Read” and “Convert”.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7804
200
33.2k
+5V
0.1µF
10µF
+
+
2.2µF
+
+
2.2µF
Convert Pulse
40ns min
6µs max
B4
B5
B6
B7
B2
B1
B0 (LSB)
B3
B10
B9
B8
B11
B12
B13
B14
B15 (MSB)


Similar Part No. - ADS7804P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7804 TI1-ADS7804 Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7804U TI1-ADS7804U Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7804U/1K TI1-ADS7804U/1K Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7804UB TI1-ADS7804UB Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7804UE4 TI1-ADS7804UE4 Datasheet
940Kb / 19P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7804P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7809 BURR-BROWN-ADS7809 Datasheet
248Kb / 10P
   16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com