Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV123BQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LV123BQ
Description  Dual retriggerable monostable multivibrator with reset Rev. 7 ??12 December 2011
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV123BQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LV123BQ Datasheet HTML 6Page - NXP Semiconductors 74LV123BQ Datasheet HTML 7Page - NXP Semiconductors 74LV123BQ Datasheet HTML 8Page - NXP Semiconductors 74LV123BQ Datasheet HTML 9Page - NXP Semiconductors 74LV123BQ Datasheet HTML 10Page - NXP Semiconductors 74LV123BQ Datasheet HTML 11Page - NXP Semiconductors 74LV123BQ Datasheet HTML 12Page - NXP Semiconductors 74LV123BQ Datasheet HTML 13Page - NXP Semiconductors 74LV123BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
74LV123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 12 December 2011
10 of 24
NXP Semiconductors
74LV123
Dual retriggerable monostable multivibrator with reset
10. Dynamic characteristics
Table 7.
Dynamic characteristics
GND = 0 V; tr = tf 2.5 ns; for test circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Propagation delay; see Figure 7
tpd
propagation delay nRD, nA and nB to nQ
[2]
VCC = 1.2 V
-
120
-
-
-
ns
VCC = 2.0 V
-
40
76
-
92
ns
VCC = 2.7 V
-
30
56
-
68
ns
VCC = 3.0 V to 3.6 V
-
25
48
-
57
ns
VCC = 4.5 V to 5.5 V
-
18
40
-
46
ns
nRD to nQ (reset)
[2]
VCC = 1.2 V
-
100
-
-
-
ns
VCC = 2.0 V
-
30
57
-
68
ns
VCC = 2.7 V
-
23
43
-
51
ns
VCC = 3.0 V to 3.6 V
-
20
38
-
45
ns
VCC = 4.5 V to 5.5 V
-
14
31
-
36
ns
Inputs nA, nB and nRD; see Figure 7
tW
pulse width
nA = LOW
VCC = 2.0 V
30
5
-
40
-
ns
VCC = 2.7 V
25
3.5
-
30
-
ns
VCC = 3.0 V to 3.6 V
20
3.0
-
25
-
ns
VCC = 4.5 V to 5.5 V
15
2.5
-
20
-
ns
nB = HIGH
VCC = 2.0 V
30
13
-
40
-
ns
VCC = 2.7 V
25
8
-
30
-
ns
VCC = 3.0 V to 3.6 V
20
7
-
25
-
ns
VCC = 4.5 V to 5.5 V
15
5
-
20
-
ns
nRD = LOW; see Figure 13
VCC = 2.0 V
35
6
-
45
-
ns
VCC = 2.7 V
30
5
-
40
-
ns
VCC = 3.0 V to 3.6 V
25
4
-
30
-
ns
VCC = 4.5 V to 5.5 V
20
3
-
25
-
ns
trtrig
retrigger time
nB to nA; see Figure 12
VCC = 2.0 V
-
70
-
-
-
ns
VCC = 2.7 V
-
55
-
-
-
ns
VCC = 3.0 V to 3.6 V
-
45
-
-
-
ns
VCC = 4.5 V to 5.5 V
-
40
-
-
-
ns


Similar Part No. - 74LV123BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123BQ NXP-74LV123BQ Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
logo
Nexperia B.V. All right...
74LV123BQ NEXPERIA-74LV123BQ Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
More results

Similar Description - 74LV123BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
   Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
logo
NXP Semiconductors
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
   Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
logo
Nexperia B.V. All right...
74AHCT123A NEXPERIA-74AHCT123A Datasheet
302Kb / 19P
   Dual retriggerable monostable multivibrator with reset
Rev. 5 - 17 June 2020
logo
NXP Semiconductors
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
   Dual retriggerable monostable multivibrator with reset
1998 Apr 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com