Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

600S6R8CT250T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 600S6R8CT250T
Description  Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

600S6R8CT250T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  600S6R8CT250T Datasheet HTML 1Page - List of Unclassifed Manufacturers 600S6R8CT250T Datasheet HTML 2Page - List of Unclassifed Manufacturers 600S6R8CT250T Datasheet HTML 3Page - List of Unclassifed Manufacturers 600S6R8CT250T Datasheet HTML 4Page - List of Unclassifed Manufacturers 600S6R8CT250T Datasheet HTML 5Page - List of Unclassifed Manufacturers 600S6R8CT250T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
ATC 600S Series Ultra-Low ESR, High Q NPO RF & Microwave Capacitors
)
Capacitance (pF)
600S Resonant Frequency Data
0.1
1.0
10.0
100.0
ATC 600 Series Data Sheet Test Condition Description
Capacitors horizontally mounted on 13.3-mil thick Rogers RO4350
® softboard, 29-mil wide, 1/2 oz. Cu traces.
FSR = lowest frequency at which S11 response, referenced at capacitor edge, crosses real axis on Smith Chart.
FPR = lowest frequency at which there is a notch in S21 magnitude response.
600S Q vs Capacitance
1
10
100
1000
10000
1
10
100
Capacitance (pF)
2 GHz
1 GHz
450 MHz
(Typical)
AMERICAN
TECHNICAL
CERAMICS
www
.atceramics.com
ATC North America
+1-631-622-4700 sales@atceramics.com
ATC Europe
+46 8 6800410 sales@atceramics-europe.com
ATC Asia
86-755-2396-8759 sales@atceramics-asia.com


Similar Part No. - 600S6R8CT250T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
600S6R8CT250XT ETC2-600S6R8CT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
More results

Similar Description - 600S6R8CT250T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600F0R3AT250XT ETC2-600F0R3AT250XT Datasheet
345Kb / 5P
   Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600L ETC1-ATC600L Datasheet
334Kb / 4P
   Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S120GT250XT ETC2-600S120GT250XT Datasheet
510Kb / 7P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF Microwave Capacitors
ATC600S ETC1-ATC600S Datasheet
360Kb / 6P
   ATC 600S Series Ultra-Low ESR, High Q, NPO RF& Microwave Capacitors
logo
AVX Corporation
UQCB7A100JATME AVX-UQCB7A100JATME Datasheet
3Mb / 13P
   Microwave MLC`s UQ Series High Q Ultra Low ESR MLC
ML03511R8PAT2A AVX-ML03511R8PAT2A Datasheet
93Kb / 4P
   Low ESR Microwave Capacitors
logo
Kemet Corporation
CBR05C470JAGAC KEMET-CBR05C470JAGAC Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, Fixed, RF, Ultra High Q, Low ESR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com