Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7800BH Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7800BH
Description  12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7800BH Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7800BH Datasheet HTML 1Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 2Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 3Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 4Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 5Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 6Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 7Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 8Page - Burr-Brown (TI) ADS7800BH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1989 Burr-Brown Corporation
PDS-1018E
Printed in U.S.A. October, 1993
12-Bit 3
µs Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 333k SAMPLES PER SECOND
q STANDARD
±10V AND ±5V INPUT
RANGES
q DC PERFORMANCE OVER TEMP:
No Missing Codes
1/2LSB Integral Linearity Error
3/4LSB Differential Linearity Error
q AC PERFORMANCE OVER TEMP:
72dB Signal-to-Noise Ratio
80dB Spurious-free Dynamic Range
–80dB Total Harmonic Distortion
q INTERNAL SAMPLE/HOLD, REFERENCE,
CLOCK, AND 3-STATE OUTPUTS
q POWER DISSIPATION: 215mW max
q PACKAGE: 24-Pin Single-wide DIP
24-Lead SOIC
Comparator
Control
Logic
Internal
Ref
2V
Reference
Out
±5V
IN
±10V
IN
CDAC
SAR
BUSY
Three
State
Parallel
Output
Data
Bus
Clock
Output
Latches
And
Three
State
Drivers
®
ADS7800
DESCRIPTION
The ADS7800 is a complete 12-bit sampling analog-
to-digital converter using state-of-the-art CMOS struc-
tures. It contains a complete 12-bit successive ap-
proximation A/D converter with internal sample/hold,
reference, clock, digital interface for microprocessor
control, and three-state output drivers.
The ADS7800 is specified at a 333kHz sampling rate.
Conversion time is factory set for 2.70
µs max over
temperature, and the high speed sampling input stage
insures a total acquisition and conversion time of 3
µs
max over temperature. Precision, laser-trimmed scal-
ing resistors provide industry-standard input ranges of
±5V or ±10V.
AC and DC performance are completely specified.
Two grades based on linearity and dynamic perform-
ance are available to provide the optimum price/
performance fit in a wide range of applications.
The 24-pin ADS7800 is available in plastic and side-
braze hermetic 0.3" wide DIPs, and in an SOIC
package. It operates from a +5V supply and either a
–12V or –15V supply. The ADS7800 is available in
grades specified over 0
°C to +70°C and –40°C to
+85
°C temperature ranges.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - ADS7800BH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7800BH TI1-ADS7800BH Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800BH TI1-ADS7800BH Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7800BH-BI TI1-ADS7800BH-BI Datasheet
906Kb / 21P
[Old version datasheet]   12-Bit 3關s Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7800BH-BI TI1-ADS7800BH-BI Datasheet
895Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7800BH

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com