Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7809 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7809
Description  16-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7809 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7809 Datasheet HTML 1Page - Burr-Brown (TI) ADS7809 Datasheet HTML 2Page - Burr-Brown (TI) ADS7809 Datasheet HTML 3Page - Burr-Brown (TI) ADS7809 Datasheet HTML 4Page - Burr-Brown (TI) ADS7809 Datasheet HTML 5Page - Burr-Brown (TI) ADS7809 Datasheet HTML 6Page - Burr-Brown (TI) ADS7809 Datasheet HTML 7Page - Burr-Brown (TI) ADS7809 Datasheet HTML 8Page - Burr-Brown (TI) ADS7809 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
®
ADS7809
5
FIGURE 1. Basic Conversion Timing.
MODE Acquire
t
4
t
5
t
1
t
3
t
7
t
6
Convert
Acquire
t
2
BUSY
CS, R/C
TABLE II. Conversion and Data Timing. TA = –40°C to
+85
°C.
FIGURE 2. Serial Data Timing Using Internal Clock. (CS, EXT/INT and TAG Tied LOW.)
SYMBOL
DESCRIPTION
MIN
TYP MAX UNITS
t1
Convert Pulse Width
40
6000
ns
t2
BUSY Delay
65
ns
t3
BUSY LOW
8
µs
t4
BUSY Delay after
220
ns
End of Conversion
t5
Aperture Delay
40
ns
t6
Conversion Time
7.6
8
µs
t7
Acquisition Time
2
µs
t6 + t7
Throughput Time
9
10
µs
t8
R/C LOW to DATACLK Delay
450
ns
t9
DATACLK Period
440
ns
t10
Data Valid to DATACLK
20
75
ns
HIGH Delay
t11
Data Valid after
100
125
ns
DATACLK LOW Delay
t12
External DATACLK
100
ns
t13
External DATACLK HIGH
20
ns
t14
External DATACLK LOW
30
ns
t15
DATACLK HIGH
20
t12 +5
ns
Setup Time
t16
R/C to CS Setup Time
10
ns
t17
SYNC Delay After
15
35
ns
DATACLK HIGH
t18
Data Valid Delay
25
55
ns
t19
CS to Rising Edge Delay
25
ns
t20
Data Available after CS LOW
6
µs
1
MSB Valid
R/C
DATACLK
SDATA
t
8
t
11
t
10
t
9
2
3
15
16
Bit 14 Valid
Bit 1 Valid
Bit 13 Valid
LSB Valid
t
2
t
3
BUSY
t
1


Similar Part No. - ADS7809

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809P TI1-ADS7809P Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809P TI1-ADS7809P Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7809PB TI1-ADS7809PB Datasheet
867Kb / 19P
[Old version datasheet]   16-Bit 10關s Serial CMOS Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7809PB TI1-ADS7809PB Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7809

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI-ADS8519 Datasheet
390Kb / 25P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509-HT TI1-ADS8509-HT Datasheet
568Kb / 29P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8509 TI1-ADS8509_14 Datasheet
1Mb / 32P
[Old version datasheet]   16-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com