Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7807PB Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7807PB
Description  Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7807PB Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button ADS7807PB Datasheet HTML 3Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 4Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 5Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 6Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 7Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 8Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 9Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 10Page - Burr-Brown (TI) ADS7807PB Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ADS7807
7
SBAS022B
www.ti.com
output valid data from the previous conversion on SDATA
(pin 19) synchronized to 16 clock pulses output on DATACLK
(pin 18). BUSY (pin 24) will go LOW and stay LOW until the
conversion is completed and the serial data has been trans-
mitted. Data will be output in BTC format, MSB first, and will
be valid on both the rising and falling edges of the data clock.
BUSY going HIGH can be used to latch the data. All convert
commands will be ignored while BUSY is LOW.
The ADS7807 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external
trimming with a single supply. The external resistors compen-
sate for this adjustment and can be left out if the offset and
gain will be corrected in software (refer to the Calibration
section).
STARTING A CONVERSION
The combination of CS (pin 23) and R/C (pin 22) LOW for a
minimum of 40ns puts the sample-and-hold of the ADS7807
in the hold state and starts conversion ‘n’. BUSY (pin 24) will
go LOW and stay LOW until conversion ‘n’ is completed and
the internal output register has been updated. All new con-
vert commands during BUSY LOW will be ignored. CS and/
or R/C must go HIGH before BUSY goes HIGH, or a new
conversion will be initiated without sufficient time to acquire
a new signal.
BASIC OPERATION
PARALLEL OUTPUT
Figure 1a shows a basic circuit to operate the ADS7807 with
a
±10V input range and parallel output. Taking R/C (pin 22)
LOW for a minimum of 40ns (12
µs max) will initiate a
conversion. BUSY (pin 24) will go LOW and stay LOW until
the conversion is completed and the output register is up-
dated. If BYTE (pin 21) is LOW, the eight Most Significant
Bits (MSBs) will be valid when BUSY rises; if BYTE is HIGH,
the eight Least Significant Bits (LSBs) will be valid when
BUSY rises. Data will be output in Binary Two’s Complement
(BTC) format. BUSY going HIGH can be used to latch the
data. After the first byte has been read, BYTE can be toggled
allowing the remaining byte to be read. All convert com-
mands will be ignored while BUSY is LOW.
The ADS7807 will begin tracking the input signal at the end
of the conversion. Allowing 25
µs between convert com-
mands assures accurate acquisition of a new signal.
The offset and gain are adjusted internally to allow external
trimming with a single supply. The external resistors compen-
sate for this adjustment and can be left out if the offset and gain
will be corrected in software (refer to the Calibration section).
SERIAL OUTPUT
Figure 1b shows a basic circuit to operate the ADS7807 with
a
±10V input range and serial output. Taking R/C (pin 22)
LOW for 40ns (12
µs max) will initiate a conversion and
FIGURE 1a. Basic
±10V Operation, both Parallel and Serial
Output.
FIGURE 1b. Basic
±10V Operation with Serial Output.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
NC(1)
NC(1)
NC(1)
NC(1)
NC(1)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7807
Serial Output
200
66.5k
±10V
+5V
0.1
µF
NC(1)
NC(1)
NC(1)
10
µF
+
+5V
+
100
++
2.2
µF
2.2
µF
Convert Pulse
BUSY
40ns min
R/C
SDATA
DATACLK
NOTE: (1) These pins should be left unconnected.
They will be active when R/C is HIGH.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7807
Parallel Output
200
66.5k
±10V
+5V
0.1
µF
NC(1)
10
µF
+
+5V
+
100
B10
B9
B8
B2
B1
B0
(LSB)
B13 B12
B15
(MSB)
Pin 21
LOW
B14
B11
B5
B4
B7
Pin 21
HIGH
B6
B3
2.2
µF
++
2.2
µF
Convert Pulse
BUSY
R/C
BYTE
40ns min
NOTE: (1) SDATA (pin 19) is always active.


Similar Part No. - ADS7807PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807PB BURR-BROWN-ADS7807PB Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PB BURR-BROWN-ADS7807PB Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PBG4 BURR-BROWN-ADS7807PBG4 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807PBG4 BURR-BROWN-ADS7807PBG4 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7807PB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7815 BURR-BROWN-ADS7815 Datasheet
140Kb / 8P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com