Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7810UB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7810UB
Description  12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7810UB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7810UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7810UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
12-Bit 800kHz Sampling CMOS
ANALOG-to-DIGITAL CONVERTER
FEATURES
q 1.25
µs THROUGHPUT TIME
q STANDARD
±10V INPUT RANGE
q 69dB min SINAD WITH 250kHz INPUT
q
±3/4 LSB max INL AND ±1 LSB max DNL
q INTERNAL REFERENCE
q COMPLETE WITH S/H, REF, CLOCK, ETC.
q PARALLEL DATA w/LATCHES
q 28-PIN SOIC
ADS7810
DESCRIPTION
The ADS7810 is a complete 12-bit sampling A/D
using state-of-the-art CMOS structures. It contains a
complete 12-bit capacitor-based SAR A/D with inher-
ent S/H, reference, clock, interface for microprocessor
use, and three-state output drivers.
The ADS7810 is specified at an 800kHz sampling
rate, and guaranteed over the full temperature range.
Laser-trimmed scaling resistors provide the industry-
standard
±10V input range, while an innovative design
allows operation from
±5V supplies.
The 28-pin ADS7810 is available in a plastic SOIC
fully specified for operation over the industrial –40
°C
to +85
°C range.
®
© 1992 Burr-Brown Corporation
PDS-1138E
Printed in U.S.A. March, 1998
CDAC
Internal
Ref
Output
Latches
and
Three
State
Drivers
Three
State
Parallel
Data
Bus
BUSY
±10V Input
2.5V Ref Out/In
Comparator
Buffer
625
2450
Successive Approximation Register and Control Logic
Clock
Cap
4.8k
8.6k
18k
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS7810


Similar Part No. - ADS7810UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7810UB TI1-ADS7810UB Datasheet
331Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7810UBE4 TI1-ADS7810UBE4 Datasheet
331Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7810UB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com