Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7812P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS7812P
Description  Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7812P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button ADS7812P Datasheet HTML 4Page - Burr-Brown (TI) ADS7812P Datasheet HTML 5Page - Burr-Brown (TI) ADS7812P Datasheet HTML 6Page - Burr-Brown (TI) ADS7812P Datasheet HTML 7Page - Burr-Brown (TI) ADS7812P Datasheet HTML 8Page - Burr-Brown (TI) ADS7812P Datasheet HTML 9Page - Burr-Brown (TI) ADS7812P Datasheet HTML 10Page - Burr-Brown (TI) ADS7812P Datasheet HTML 11Page - Burr-Brown (TI) ADS7812P Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
®
ADS7812
Convert
Convert
Acquire
Acquire
MODE
BUSY
CONV
t
3
t
2
t
1
t
5
t
4
t
7
t
6
t
8
t
10
t
11
t
9
FIGURE 2. Basic Conversion Timing.
SYMBOL
DESCRIPTION
MIN
TYP MAX UNITS
t1
Conversion Plus Acquisition Time
25
µs
t2
CONV LOW to All Digital
8
µs
Inputs Stable
t3
CONV LOW to Initiate a Conversion
40
ns
t4
BUSY Rising to Any Digital
0
ns
Input Active
t5
CONV HIGH Prior to Start
2
µs
of Conversion
t6
BUSY LOW
15
20
µs
t7
CONV LOW to BUSY LOW
85
120
ns
t8
Aperture Delay
40
ns
t9
Conversion Time
14
20
µs
t10
Conversion Complete to
1.1
2
µs
BUSY Rising
t11
Acquisition Time
5
µs
t12
CONV LOW to Rising Edge
1.4
µs
of First DATACLK
t13
Internal DATACLK HIGH
250
350
500
ns
t14
Internal DATACLK LOW
600
760
875
ns
t15
Internal DATACLK Period
1.1
µs
t16
DATA Valid to Internal
20
ns
DATACLK Rising
t17
Internal DATACLK Falling
400
ns
to DATA Not Valid
t18
Falling Edge of Last DATACLK
800
ns
to BUSY Rising
t19
External DATACLK Rising
15
ns
to DATA Not Valid
t20
External DATACLK Rising
55
85
ns
to DATA Valid
t21
External DATACLK HIGH
50
ns
t22
External DATACLK LOW
50
ns
t23
External DATACLK Period
100
ns
t24
CONV LOW to External
120
ns
DATACLK Active
t25
External DATACLK LOW
2
µs
or CS HIGH to BUSY Rising
t26
CS LOW to Digital Outputs Enabled
85
ns
t27
CS HIGH to Digital Outputs Disabled
85
ns
TABLE II. ADS7812 Timing. TA = –40°C to +85°C.
STARTING A CONVERSION
If a conversion is not currently in progress, a falling edge on
the CONV input places the sample and hold into the hold
mode and begins a conversion, as shown in Figure 2 and
with the timing given in Table II. During the conversion, the
CONV input is ignored. Starting a conversion does not
depend on the state of CS. A conversion can be started once
every 25
µs (40kHz maximum conversion rate). There is no
minimum conversion rate.
Even though the CONV input is ignored while a conversion
is in progress, this input should be held static during the
conversion period. Transitions on this digital input can
easily couple into sensitive analog portions of the converter,
adversely affecting the conversion results (see the Sensitiv-
ity to External Digital Signals section of this data sheet for
more information).
Ideally, the CONV input should go LOW and remain LOW
throughout the conversion. It should return HIGH sometime
after BUSY goes HIGH. In addition, it should be HIGH
prior to the start of the next conversion for a minimum time
period given by t5. This will ensure that the digital transition
on the CONV input will not affect the signal that is acquired
for the next conversion.
An acceptable alternative is to return the CONV input HIGH
as soon as possible after the start of the conversion. For
example, a negative going pulse 100ns wide would make a
good CONV input signal. It is strongly recommended that
from time t
2 after the start of a conversion until BUSY rises,
the CONV input should be held static (either HIGH or
LOW). During this time, the converter is more sensitive to
external noise.


Similar Part No. - ADS7812P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7812P TI1-ADS7812P Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812P TI1-ADS7812P Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PB TI1-ADS7812PB Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PB TI1-ADS7812PB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812PBG4 TI1-ADS7812PBG4 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7812P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7813 BURR-BROWN-ADS7813 Datasheet
376Kb / 17P
   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7806 TI1-ADS7806 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7808 BURR-BROWN-ADS7808_07 Datasheet
329Kb / 13P
   12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
ADS7806 BURR-BROWN-ADS7806 Datasheet
209Kb / 18P
   Low-Power 12-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com