Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7815 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7815
Description  16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7815 Datasheet(HTML) 8 Page - Burr-Brown (TI)

  ADS7815 Datasheet HTML 1Page - Burr-Brown (TI) ADS7815 Datasheet HTML 2Page - Burr-Brown (TI) ADS7815 Datasheet HTML 3Page - Burr-Brown (TI) ADS7815 Datasheet HTML 4Page - Burr-Brown (TI) ADS7815 Datasheet HTML 5Page - Burr-Brown (TI) ADS7815 Datasheet HTML 6Page - Burr-Brown (TI) ADS7815 Datasheet HTML 7Page - Burr-Brown (TI) ADS7815 Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
®
ADS7815
8
INTERMEDIATE LATCHES
The 74HC574s shown in Figure 1 isolate the ADS7815 from
digital signals on a microprocessor, digital signal processor
(DSP), or microcontroller bus. This is necessary because of
the precision needed within the ADS7815. The weight of a
single LSB in the ADS7815 is 76
µV, and the comparator
must be able to resolve differences in voltage to this level.
External digital signals which transition during the conver-
sion can easily couple onto the substrate and produce volt-
ages larger than this.
In place of the 74HC574s, it might be possible to use a FIFO
or similar type of memory device. For the majority of
systems, it will be difficult to go directly from the ADS7815
into a microcontroller or DSP even if the ADS7815 is not
connected to shared bus. The reason for this is that during a
conversion, the ADS7815 outputs are tri-stated. The only
chance to read the outputs are during the acquisition period.
And, this is not recommended if the data will be read just
prior to the converter going into the hold mode.
SIGNAL CONDITIONING
The ADS7815 input essentially consists of a switch and a
capacitor. In the acquisition or sample mode, the switch is
closed and the input signal drives the capacitor directly.
When a conversion is started, the switch is opened capturing
the input signal at that moment. This voltage is held on the
capacitor for the remainder of the conversion.
While this provides for a wide bandwidth sample and hold
function and results in excellent AC performance, this archi-
tecture requires a high bandwidth, precision op amp to drive
the analog input. The op amp and configuration shown in
Figure 1 is highly recommended. The amplifier should be
placed within 1 to 2 inches (25 to 50mm) of the ADS7815,
and the layout guidelines in the OPA628 data sheet should
be strictly followed.


Similar Part No. - ADS7815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7815 TI1-ADS7815 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815U TI1-ADS7815U Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815U/1K TI1-ADS7815U/1K Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815UE4 TI1-ADS7815UE4 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7815UG4 TI1-ADS7815UG4 Datasheet
597Kb / 16P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
More results

Similar Description - ADS7815

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7811 BURR-BROWN-ADS7811 Datasheet
186Kb / 9P
   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7811 TI1-ADS7811_15 Datasheet
303Kb / 15P
[Old version datasheet]   16-Bit 250kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7821 BURR-BROWN-ADS7821 Datasheet
280Kb / 10P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7805 BURR-BROWN-ADS7805 Datasheet
135Kb / 12P
   16-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8364 TI-ADS8364 Datasheet
393Kb / 22P
[Old version datasheet]   250kHz, 16-Bit, 6-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8515 TI1-ADS8515_14 Datasheet
573Kb / 23P
[Old version datasheet]   16-Bit 250-kSPS Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS8505 TI1-ADS8505_14 Datasheet
1Mb / 27P
[Old version datasheet]   16-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com