Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7813UB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7813UB
Description  Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7813UB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7813UB Datasheet HTML 1Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 2Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 3Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 4Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 5Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 6Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 7Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 8Page - Burr-Brown (TI) ADS7813UB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
®
ADS7813
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS7813
®
©1997 Burr-Brown Corporation
PDS-1302A
Printed in U.S.A. March, 1997
Low-Power, Serial 16-Bit Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 20
µs max CONVERSION TIME
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 12-BIT ADS7812
q EASY-TO-USE SERIAL INTERFACE
q 16-PIN 0.3" PLASTIC DIP AND SOIC
q
±2.0LSB max INL
q 87dB min SINAD
q USES INTERNAL OR EXTERNAL
REFERENCE
q MULTIPLE INPUT RANGES
q 35mW max POWER DISSIPATION
q NO MISSING CODES
q 50
µW POWER DOWN MODE
APPLICATIONS
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION SYSTEMS
q ROBOTICS
q INDUSTRIAL CONTROL
q TEST EQUIPMENT
q DIGITAL SIGNAL PROCESSING
q DSP SERVO CONTROL
ADS7813
ADS7813
DESCRIPTION
The ADS7813 is a low-power, single +5V supply, 16-
bit sampling analog-to-digital converter. It contains a
complete 16-bit capacitor-based SAR A/D with a
sample/hold, clock, reference, and serial data inter-
face.
The converter can be configured for a variety of input
ranges including
±10V, ±5V, 0V to 10V, and 0.5V to
4.5V. A high impedance 0.3V to 2.8V input range is
also available (input impedance > 10M
Ω). For most
input ranges, the input voltage can swing to +16.5V or
–16.5V without damage to the converter.
A flexible SPI compatible serial interface allows data
to be synchronized to an internal or external clock.
The ADS7813 is specified at a 40kHz sampling rate
over the –40
°C to +85°C temperature range. It is
available in a 16-pin 0.3" plastic DIP or a 16-lead
SOIC package.
8k
(1)
CDAC
4k
(1)
40k
(1)
20k
(1)
Internal
+2.5V Ref
Clock
EXT/INT
DATACLK
DATA
Successive Approximation Register and Control Logic
Serial
Data
Out
Comparator
Buffer
BUSY
PWRD
CONV
R1
IN
R3
IN
REF
BUF
CAP
CS
R2
IN
NOTE: (1) Actual value may vary ±30%.


Similar Part No. - ADS7813UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7813UB TI1-ADS7813UB Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813UBE4 TI1-ADS7813UBE4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813UBG4 TI1-ADS7813UBG4 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7813UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7813 TI1-ADS7813_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7813 TI1-ADS7813 Datasheet
1,007Kb / 25P
[Old version datasheet]   Low-Power, Serial 16-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7812 BURR-BROWN-ADS7812 Datasheet
381Kb / 17P
   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812_15 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7807 BURR-BROWN-ADS7807_08 Datasheet
672Kb / 25P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807_06 Datasheet
526Kb / 24P
   Low-Power, 16-Bit, Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7807 BURR-BROWN-ADS7807 Datasheet
524Kb / 23P
   Low-Power 16-Bit Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8519 TI-ADS8519_08 Datasheet
614Kb / 27P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8519 TI1-ADS8519_14 Datasheet
652Kb / 29P
[Old version datasheet]   16-Bit, 250kSPS, Serial, CMOS, Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com