Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7824U Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7824U
Description  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824U Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ADS7824U Datasheet HTML 1Page - Burr-Brown (TI) ADS7824U Datasheet HTML 2Page - Burr-Brown (TI) ADS7824U Datasheet HTML 3Page - Burr-Brown (TI) ADS7824U Datasheet HTML 4Page - Burr-Brown (TI) ADS7824U Datasheet HTML 5Page - Burr-Brown (TI) ADS7824U Datasheet HTML 6Page - Burr-Brown (TI) ADS7824U Datasheet HTML 7Page - Burr-Brown (TI) ADS7824U Datasheet HTML 8Page - Burr-Brown (TI) ADS7824U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
®
ADS7824
SPECIFICATIONS
ELECTRICAL
At TA = –40°C to +85°C, fS = 40kHz, VS1 = VS2 = VS = +5V ±5%, using external reference, CONTC = 0V, unless otherwise specified.
ADS7824P, U
ADS7824PB, UB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
RESOLUTION
12
T(1)
Bits
ANALOG INPUT
Voltage Range
±10V
T
V
Impedance
Channel On or Off
45.7
T
k
Capacitance
35
T
pF
THROUGHPUT SPEED
Conversion Time
20
T
µs
Acquisition Time
5
T
µs
Multiplexer Settling Time
Includes Acquisition
5
T
µs
Complete Cycle (Acquire and Convert)
25
T
µs
Complete Cycle (Acquire and Convert)
CONTC = +5V
40
T
µs
Throughput Rate
40
T
kHz
DC ACCURACY
Integral Linearity Error
±0.15
±1
T
±0.5
LSB(2)
Differential Linearity Error
±0.15
±1
T
±0.5
LSB
No Missing Codes
Guaranteed
T
Transition Noise(3)
0.1
T
LSB
Full Scale Error(4)
Internal Reference
±0.5
±0.25
%
Full Scale Error Drift
Internal Reference
±7
±5
ppm/
°C
Full Scale Error(4)
±0.5
±0.25
%
Full Scale Error Drift
±2
T
ppm/
°C
Bipolar Zero Error
±10
T
mV
Bipolar Zero Error Drift
±2
T
ppm/
°C
Channel-to-Channel Mismatch
±0.1
±0.1
%
Power Supply Sensitivity
+4.75 < VS < +5.25
±0.5
T
LSB
AC ACCURACY
Spurious-Free Dynamic Range(5)
fIN = 1kHz
80
90
TT
dB
Total Harmonic Distortion
fIN = 1kHz
–90
–80
TT
dB
Signal-to-(Noise+Distortion)
fIN = 1kHz
70
73
72
T
dB
Signal-to-Noise
fIN = 1kHz
70
73
72
T
dB
Channel Separation(6)
fIN = 1kHz
90
100
TT
dB
–3dB Bandwidth
2
T
MHz
Useable Bandwidth(7)
90
T
kHz
SAMPLING DYNAMICS
Aperture Delay
40
T
ns
Transient Response(8)
FS Step
5
T
µs
Overvoltage Recovery(9)
1
T
µs
REFERENCE
Internal Reference Voltage
2.48
2.5
2.52
TT
T
V
Internal Reference Source Current
1
T
µA
(Must use external buffer)
External Reference Voltage Range
2.3
2.5
2.7
TT
T
V
for Specified Linearity
External Reference Current Drain
VREF = +2.5V
100
T
µA
DIGITAL INPUTS
Logic Levels
VIL
–0.3
+0.8
TT
V
VIH
+2.4
VS +0.3V
TT
V
IIL
±10
T
µA
IIH
±10
T
µA
DIGITAL OUTPUTS
Data Format
Parallel in two bytes; Serial
T
Data Coding
Binary Two's Complement
T
VOL
ISINK = 1.6mA
+0.4
T
V
VOH
ISOURCE = 500µA+4
T
V
Leakage Current
High-Z State, VOUT = 0V to VS
±5
T
µA
Output Capacitance
High-Z State
15
T
pF


Similar Part No. - ADS7824U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7824U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com