Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7824U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7824U
Description  4 Channel, 12-Bit Sampling CMOS A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7824U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  ADS7824U Datasheet HTML 1Page - Burr-Brown (TI) ADS7824U Datasheet HTML 2Page - Burr-Brown (TI) ADS7824U Datasheet HTML 3Page - Burr-Brown (TI) ADS7824U Datasheet HTML 4Page - Burr-Brown (TI) ADS7824U Datasheet HTML 5Page - Burr-Brown (TI) ADS7824U Datasheet HTML 6Page - Burr-Brown (TI) ADS7824U Datasheet HTML 7Page - Burr-Brown (TI) ADS7824U Datasheet HTML 8Page - Burr-Brown (TI) ADS7824U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
®
ADS7824
0.2
0
–0.2
–25
–50
0
25
50
75
100
0.2
0
–0.2
2
1
0
–1
–2
BPZ Error
+FS Error
–FS Error
ENDPOINT ERRORS
Temperature (°C)
ADJACENT CHANNEL CROSSTALK, WORST PAIR
(8192 Point FFT; AIN
3 = 10.1kHz, –0.1dB; AIN2 = AGND)
0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
0
5
10
15
20
Frequency (kHz)
TYPICAL PERFORMANCE CURVES
At TA = +25°C, fS = 40kHz, VS1 = VS2 = +5V, using internal reference, unless otherwise noted.
FREQUENCY SPECTRUM
(8192 Point FFT; f
IN = 1.02kHz, –0.5dB)
0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
0
5
10
15
20
Frequency (kHz)
ADJACENT CHANNEL CROSSTALK, WORST PAIR
(8192 Point FFT; AIN
3 = 1.02kHz, –0.1dB; AIN2 = AGND)
0
–10.0
–20.0
–30.0
–40.0
–50.0
–60.0
–70.0
–80.0
–90.0
–100.0
–110.0
0
5
10
15
20
Frequency (kHz)
POWER SUPPLY RIPPLE SENSITIVITY
INL/DNL DEGRADATION PER LSB OF P-P RIPPLE
Power Supply Ripple Frequency (Hz)
101
102
103
104
105
106
107
1
10–1
10–2
10–3
10–4
10–5
INL
DNL
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
512
1024
1536
2048
2560
3072
3584
4095
Decimal Code
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0
512
1024
1536
2048
2560
3072
3584
4095
Decimal Code
All Codes INL
All Codes DNL


Similar Part No. - ADS7824U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824U TI1-ADS7824U Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824U/1K TI1-ADS7824U/1K Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UB TI1-ADS7824UB Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824UBE4 TI1-ADS7824UBE4 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
More results

Similar Description - ADS7824U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7824 TI1-ADS7824_14 Datasheet
813Kb / 22P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
ADS7824 TI1-ADS7824_15 Datasheet
808Kb / 21P
[Old version datasheet]   4 Channel, 12-Bit Sampling CMOS A/D Converter
logo
Burr-Brown (TI)
ADS7825 BURR-BROWN-ADS7825 Datasheet
342Kb / 16P
   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Texas Instruments
ADS7825 TI1-ADS7825_14 Datasheet
424Kb / 22P
[Old version datasheet]   4 Channel, 16-Bit Sampling CMOS A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com