Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7842EB Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7842EB
Description  12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7842EB Datasheet(HTML) 1 Page - Burr-Brown (TI)

  ADS7842EB Datasheet HTML 1Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 2Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 3Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 4Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 5Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 6Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 7Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 8Page - Burr-Brown (TI) ADS7842EB Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ADS7842
12-Bit, 4-Channel Parallel Output Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q SINGLE SUPPLY: 2.7V to 5V
q 4-CHANNEL INPUT MULTIPLEXER
q UP TO 200kHz SAMPLING RATE
q FULL 12-BIT PARALLEL INTERFACE
q
±1 LSB INL AND DNL
q GUARANTEED NO MISSING CODES
q 72dB SINAD
q LOW POWER: 2mW
q SSOP-28 PACKAGE
®
DESCRIPTION
The ADS7842 is a complete, 4-channel, 12-bit analog-
to-digital converter (ADC). It contains a 12-bit, ca-
pacitor-based, SAR A/D with a sample-and-hold am-
plifier, interface for microprocessor use and parallel,
three-state output drivers. The ADS7842 is specified
at a 200kHz sampling rate while dissipating only
2mW of power. The reference voltage can be varied
from 100mV to VCC with a corresponding LSB reso-
lution from 24
µV to 1.22mV. The ADS7842 is guar-
anteed down to 2.7V operation.
Low power, high speed and an on-board multiplexer
make the ADS7842 ideal for battery-operated sys-
tems such as portable, multi-channel dataloggers and
measurement equipment. The ADS7842 is available
in a SSOP-28 package and is guaranteed over the
–40
°C to +85°C temperature range.
©1998 Burr-Brown Corporation
PDS-1484B
Printed in U.S.A. March, 2000
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q MEDICAL INSTRUMENTS
q LABORATORY EQUIPMENT
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS7842
SAR
Output
Latches
and
Three
State
Drivers
Three
State
Parallel
Data Bus
Comparator
ADS7842
CS
WR
BUSY
CLK
RD
CDAC
V
REF
4-Channel
MUX
AIN2
AIN1
AIN0
A0
A1
AIN3
For most current data sheet and other product
information, visit www.burr-brown.com


Similar Part No. - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7842EB TI1-ADS7842EB Datasheet
851Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7842EB/1K TI1-ADS7842EB/1K Datasheet
851Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7842EB/1KG4 TI1-ADS7842EB/1KG4 Datasheet
851Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS7842EBG4 TI1-ADS7842EBG4 Datasheet
851Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7842EB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7841 BURR-BROWN-ADS7841 Datasheet
277Kb / 14P
   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com