Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7846E Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS7846E
Description  TOUCH-SCREEN CONTROLLER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7846E Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button ADS7846E Datasheet HTML 5Page - Burr-Brown (TI) ADS7846E Datasheet HTML 6Page - Burr-Brown (TI) ADS7846E Datasheet HTML 7Page - Burr-Brown (TI) ADS7846E Datasheet HTML 8Page - Burr-Brown (TI) ADS7846E Datasheet HTML 9Page - Burr-Brown (TI) ADS7846E Datasheet HTML 10Page - Burr-Brown (TI) ADS7846E Datasheet HTML 11Page - Burr-Brown (TI) ADS7846E Datasheet HTML 12Page - Burr-Brown (TI) ADS7846E Datasheet HTML 13Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ADS7846
9
SBAS125H
www.ti.com
INTERNAL REFERENCE
The ADS7846 has an internal 2.5V voltage reference that can
be turned on or off with the control bit, PD1 = 1 (see Table V and
Figure 3). Typically, the internal reference voltage is only used
in the single-ended mode for battery monitoring, temperature
measurement, and for using the auxiliary input. Optimal touch
screen performance is achieved when using the differential
mode. The internal reference voltage of the ADS7846 must be
commanded to be off to maintain compatibility with the ADS7843.
Therefore, after power-up, a write of PD1 = 0 is required to
insure the reference is off (see the Typical Characteristics for
power-up time of the reference from power-down).
REFERENCE INPUT
The voltage difference between +REF and –REF (shown in
Figure 2) sets the analog input range. The ADS7846 oper-
ates with a reference in the range of 1V to +VCC. There are
several critical items concerning the reference input and its
wide voltage range. As the reference voltage is reduced, the
analog voltage weight of each digital output code is also
reduced. This is often referred to as the LSB (least significant
bit) size and is equal to the reference voltage divided by 4096
in 12-bit mode. Any offset or gain error inherent in the ADC
appears to increase, in terms of LSB size, as the reference
voltage is reduced. For example, if the offset of a given
converter is 2LSBs with a 2.5V reference, it is typically
5LSBs with a 1V reference. In each case, the actual offset of
the device is the same, 1.22mV. With a lower reference
FIGURE 2. Simplified Diagram of Analog Input.
Converter
REF
+REF
+IN
IN
V
BAT
AUX
Battery
On
GND
A2-A0
(Shown 001
B)
2.5V
Reference
Ref On/Off
SER/DFR
(Shown High)
X+
X–
+V
CC
TEMP1
PENIRQ
Y+
Y–
V
REF
TEMP0
7.5k
2.5k
Buffer
Band
Gap
Reference
Power Down
To
CDAC
Optional
V
REF
FIGURE 3. Simplified Diagram of the Internal Reference.


Similar Part No. - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846E TI1-ADS7846E Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846E BURR-BROWN-ADS7846E Datasheet
1Mb / 30P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7846E TI-ADS7846E Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7846E/2K5 TI1-ADS7846E/2K5 Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7846E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com