Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


ADS7870 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. ADS7870
Description  12-Bit ADC, MUX, PGA and Internal Reference DATA ACQUISITION SYSTEM
Download  27 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 4 page
background image
4
®
ADS7870
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage, VDD ........................................................................... 5.5V
Analog Inputs:
Input Current, Momentary ........................................................... 100mA
Continuous ............................................................. 10mA
Input Voltage ................................................ VDD + 0.5V to Gnd – 0.5V
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
ADS7870EA
SSOP-28 Surface Mount
324
–40
°C to +85°C
ADS7870EA
ADS7870EA
Rails
ADS7870EA
SSOP-28 Surface Mount
324
–40
°C to +85°C
ADS7870EA
ADS7870EA/250
Tape and Reel
""
"
"
"
ADS7870EA/1K
Tape and Reel
NOTES: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “ADS7870EA/1K” will get a single 1000-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data
Book.
PACKAGE/ORDERING INFORMATION
BUF
OUT/REFIN
BUF
IN
V
REF
GND
V
DD
CS
DOUT
DIN
SCLK
CCLK
OSC ENABLE
BUSY
CONVERT
NC
LN0
LN1
LN2
LN3
LN4
LN5
LN6
LN7
RESET
RISE/FALL
I/O0
I/O1
I/O2
I/O3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS7870
PIN CONFIGURATION
Top View
SSOP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS787114-BIT 48-KSPS DATA ACQUISITION SYSTEM WITH ANALOG-TO-DIGITAL CONVERTER MUX PGA AND REFERENCE 1 2 3 4 5 MoreTexas Instruments
MAX191Low-Power 12-Bit Sampling ADC with Internal Reference and Power-Down 1 2 3 4 5 MoreMaxim Integrated Products
AD7890LC2MOS 8-Channel 12-Bit Serial Data Acquisition System 1 2 3 4 5 MoreAnalog Devices
ADS783310-Channel 12-Bit DATA ACQUISITION SYSTEM 1 2 3 4 5 MoreBurr-Brown (TI)
AD7891LC2MOS 8-Channel 12-Bit High Speed Data Acquisition System 1 2 3 4 5 MoreAnalog Devices
LTC12873V Single Chip 12-Bit Data Acquisition System 1 2 3 4 5 MoreLinear Technology
TLV255612-BIT 200-KSPS 11 CHANNEL LOW POWER SERIAL ADC WITH INTERNAL REFERENCE 1 2 3 4 5 MoreTexas Instruments
SP8480Monolithic 12-Bit Data Acquisition System 1 2 3 4 5 MoreSipex Corporation
THS14F0114-BIT 1 MSPS/ 3 MSPS DSP COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS WITH FIFO INTERNAL REFERENCE AND PGA 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl