Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC4813JP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC4813JP
Description  QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4813JP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC4813JP Datasheet HTML 1Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 2Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 3Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 4Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 5Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 6Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 7Page - Burr-Brown (TI) DAC4813JP Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
DAC4813
1
DAC4813
DAC4813
QUAD 12-BIT DIGITAL-TO-ANALOG
CONVERTER (12-bit port interface)
®
© 1992 Burr-Brown Corporation
PDS-1148C
Printed in U.S.A. May, 1997
FEATURES
q COMPLETE WITH REFERENCE AND
OUTPUT AMPLIFIERS
q 12-BIT PORT INTERFACE
q ANALOG OUTPUT RANGE:
±10V
q MONOTONICITY GUARANTEED OVER
TEMPERATURE
q INTEGRAL LINEARITY
ERROR:
±1/2LSB max
q
±12V to ±15V SUPPLIES
q 28-PIN PLASTIC DIP PACKAGE
DESCRIPTION
DAC4813 is a complete quad 12-bit digital-to-analog
converter with bus interface logic. Each package in-
cludes a precision +10V voltage reference, double-
buffered bus interface including a RESET function
and 12-bit D/A converters with voltage-output opera-
tional amplifiers.
The double-buffered interface consists of a 12-bit
input latch and a D/A latch for each D/A converter. A
RESET control allows the D/A outputs to be asyn-
chronously reset to bipolar zero, a feature useful for
power-up reset, system initialization and recalibration.
DAC4813 D/A converters are committed to the
±10V
output range only. Gain and offset are not externally
adjustable.
DAC4813 is available with a integral linearity error of
1/2LSB and 12-bit monotonicity guaranteed over tem-
perature. It is packaged in a 28-pin 0.6in. wide plastic
DIP package and specified over –40oC to +85oC and
0
°C to +70°C.
V
REF OUT
V
OUT 1
D/A 1
DB0
DB11
LSB
MSB
12
V
OUT 2
D/A 2
V
OUT 3
D/A 3
V
OUT 4
D/A 4
DAC4813
10V
Reference
12-bit
Latches
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - DAC4813JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814AP BURR-BROWN-DAC4814AP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4814BP BURR-BROWN-DAC4814BP Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Similar Description - DAC4813JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com