Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC4814BP Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC4814BP
Description  Quad 12-Bit Digital-to-Analog Converter Serial Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC4814BP Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button DAC4814BP Datasheet HTML 4Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 5Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 6Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 7Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 8Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 9Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 10Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 11Page - Burr-Brown (TI) DAC4814BP Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
DAC4814
FIGURE 3. Analog Connections for
±10V DAC Output.
FIGURE 4. Analog Connections for 0 to +10V DAC Output.
0 To –10V Output Range
For 0 to –10V unipolar outputs connect the DAC4814 as
shown in Figure 5. Connect the MODE to logic low (GND)
for reset to unipolar zero.
CONNECTION TO DIGITAL BUS
Cascaded Bus Connection
Multiple DAC4814s can be connected to the same CLK and
DATA input lines in two ways. Since the output of the DAC
shift register is available, any number of DAC4814s can be
cascaded on the same input bit stream as shown in Figure 6.
This arrangement allows all DACs in the system to be
updated simultaneously and requires a minimum number of
control signal inputs. However, up to 48N CLK cycles may
be required to update any given DAC, where
N = number of DAC4814s.
Parallel Bus Connection
Several DAC4814s can also have their DATA inputs con-
nected in parallel as shown in Figure 7. This allows any
DAC in the system to be updated in a maximum of 48 CLK
cycles.
20k
20k
20k
20k
10k
A
10k
V
A
OUT
V
D
OUT
10V
Ref
DAC A
DAC D
DAC4814
+
+
28
15
7
–15V
1µF
+15V
1µF
1µF
+5V
13
5
2
6
10
11
3
4
5
A
1
A
4
+
+5V
20k
20k
V
C
OUT
DAC C
8
14
9
A
3
20k
20k
V
B
OUT
DAC B
1
A
2
17
12
DGND
AGND
25
MODE
Serial
Data and
Control In
20k
20k
20k
20k
10k
A
10k
V
A
OUT
V
D
OUT
10V
Ref
DAC A
DAC D
DAC4814
+
+
28
15
7
–15V
1µF
+15V
1µF
1µF
+5V
13
5
2
6
10
11
3
4
17
12
DGND
AGND
5
A
1
A
4
+
25
MODE
20k
20k
V
C
OUT
DAC C
8
14
9
A
3
20k
20k
V
B
OUT
DAC B
1
A
2
Serial
Data and
Control In


Similar Part No. - DAC4814BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813AP BURR-BROWN-DAC4813AP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4813JP BURR-BROWN-DAC4813JP Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC4815AP BURR-BROWN-DAC4815AP Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
More results

Similar Description - DAC4814BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com