Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF5A400H-1 Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SF5A400H-1
Description  400V, 5A ULTRAFAST RECOVERY RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF5A400H-1 Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SF5A400H-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SF5A400H-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SF5A400H-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SF5A400H-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SF5A400H-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-D0Q014-003
2
Absolute Maximum Ratings (Limiting Values)
Characteristic
Symbol
Value
Unit
Maximum repetitive reverse voltage
Maximum working peak reverse voltage
Maximum DC blocking voltage
VRRM
VRWM
VR
400
V
Maximum average forward rectified current
IF(AV)
5
A
R.M.S forward rectified current
IF(RMS)
7.85
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
IFSM
100
A
Storage temperature range
Tstg
-45℃ to +150℃
Maximum operating junction temperature
TJ
150
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Maximum thermal resistance
junction to case
Rth(j-c)
4.0
/W
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak forward voltage drop
VFM
(1)
IFM = 5A
Tj=25℃
-
-
1.40
V
Tj=125℃
-
-
1.20
V
Reverse leakage current
IRM
(1)
VR = VRRM
Tj=25℃
-
-
20
uA
Tj=125℃
-
-
200
uA
Reverse recovery time
trr
IF = 1A, di/dt =-100 A/us
-
-
30
ns
Junction capacitance
Cj
VR = 4VDC, f=1MHz
-
-
100
pF
Note : (1) Pulse test : tP≤380 ㎲, Duty cycle≤2%
SF5A400H


Similar Part No. - SF5A400H-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
More results

Similar Description - SF5A400H-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF5A400H KODENSHI-SF5A400H Datasheet
284Kb / 5P
   400V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF8A400H KODENSHI-SF8A400H Datasheet
287Kb / 5P
   400V, 8A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H-1 KODENSHI-SF10A400H-1 Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
KSD-D6S003-002 KODENSHI-KSD-D6S003-002 Datasheet
291Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H KODENSHI-SF10A400H Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10S400D2 KODENSHI-SF10S400D2 Datasheet
287Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
logo
Shindengen Electric Mfg...
D5LC40 SHINDENGEN-D5LC40 Datasheet
450Kb / 7P
   Super Fast Recovery Rectifiers(400V 5A)
SF5LC40 SHINDENGEN-SF5LC40 Datasheet
392Kb / 6P
   Super Fast Recovery Rectifiers(400V 5A)
logo
KODENSHI_AUK CORP.
SF5A600H KODENSHI-SF5A600H Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
SF5A600H-1 KODENSHI-SF5A600H-1 Datasheet
284Kb / 5P
   600V, 5A ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com