Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC709KH Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DAC709KH
Description  Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC709KH Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DAC709KH Datasheet HTML 1Page - Burr-Brown (TI) DAC709KH Datasheet HTML 2Page - Burr-Brown (TI) DAC709KH Datasheet HTML 3Page - Burr-Brown (TI) DAC709KH Datasheet HTML 4Page - Burr-Brown (TI) DAC709KH Datasheet HTML 5Page - Burr-Brown (TI) DAC709KH Datasheet HTML 6Page - Burr-Brown (TI) DAC709KH Datasheet HTML 7Page - Burr-Brown (TI) DAC709KH Datasheet HTML 8Page - Burr-Brown (TI) DAC709KH Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
DAC707/708/709
DESCRIPTION OF PIN FUNCTIONS
DAC707
Pin
DAC708/709
DESIGNATOR
DESCRIPTION
#
DESIGNATOR
DESCRIPTION
VOUT
Voltage output for DAC707 (
±10V)
1
A2
Latch enable for D/A latch (Active low)
VDD
Logic supply (+5V)
2
A0
Latch enable for “low byte” input (Active low). When
both A0 and A1 are logic “0”, the serial input mode is
selected and the serial input is enabled.
DCOM
Digital common
3
A1
Latch enable for “high byte” input (Active low). When
both A0 and A1 are logic “0”, the serial input mode is
selected and the serial input is enabled.
ACOM
Analog common
4
D7 (D15)
Input for data bit 7 if enabling low byte (LB) latch or
data bit 15 if enabling the high byte (HB) latch.
SJ
Summing junction of the internal output op amp for the
5
D6 (D14)
Input for data bit 6 if enabling LB latch or data bit 14 if
DAC707. Offset adjust circuit is connected to the
enabling the HB latch.
summing junction of the output amplifier. Refer to Block
Diagram.
GA
Gain adjust pin. Refer to Connection Diagram for gain
6
D5 (D13)
Data bit 5 (LB) or data bit 13 (HB)
adjust circuit.
+VCC
Positive supply voltage (+15V)
7
D4 (D12)
Data bit 4 (LB) or data bit 12 (HB)
–VCC
Negative supply voltage (–15V)
8
D3 (D11)
Data bit 3 (LB) or data bit 11 (HB)
CLR
Clear line. Sets the input latch to zero and sets the D/A
9
D2 (D10)
Data bit 2 (LB) or data bit 10 (HB)
latch to the input code that gives bipolar zero on the
D/A output (Active low)
WR
Write control line (Active low)
10
D1 (D9)
Data bit 1 (LB) or data bit 9 (HB)
A1
Enable for D/A converter latch (Active low)
11
D0 (D8)/SI
Data bit 0 (LB) or data bit 8 (HB). Serial input when
serial mode is selected.
A0
Enable for input latch (Active low)
12
DCOM
Digital common
D15 (MSB)
Data bit 15 (Most Significant Bit)
13
RF2
Feedback resistor for internal or external operational
amplifier. Connect to pin 14 when a 10V output range
is desired. Leave open for a 20V output range.
D14
Data bit 14
14
VOUT
Voltage output for DAC709 or feedback resistor for
RF1 (DAC708)
use with an external output op amp for the DAC708.
Refer to Connection Diagram for connection of
external op amp to DAC708.
D13
Data bit 13
15
ACOM
Analog common
D12
Data bit 12
16
SJ (DAC709)
Summing junction of the internal output op amp for the
IOUT (DAC708)
DAC709, or the current output for the DAC708. Refer
to Connection Diagram for connection of external op
amp to DAC708.
D11
Data bit 11
17
BPO
Bipolar offset. Connect to pin 16 when operating in the
bipolar mode. Leave open for unipolar mode.
D10
Data bit 10
18
GA
Gain adjust pin
D9
Data bit 9
19
+VCC
Positive supply voltage (+15V)
D8
Data bit 8
20
–VCC
Negative supply voltage (–15V)
D7
Data bit 7
21
CLR
Clear line. Sets the high and low byte input registers
to zero and, for bipolar operation, sets the D/A register
to the input code that gives bipolar zero on the D/A
output. (In the unipolar mode, invert the MSB prior to
the D/A.)
D6
Data bit 6
22
WR
Write control line
D5
Data bit 5
23
CS
Chip select control line
D4
Data bit 4
24
VDD
Logic supply (+5V)
D3
Data bit 3
25
No pin
D2
Data bit 2
26
No pin
(The DAC708 and DAC709 are in 24-pin packages)
D1
Data bit 1
27
No pin
D0 (LSB)
Data bit 0 (Least Significant Bit)
28
No pin


Similar Part No. - DAC709KH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC709KH TI-DAC709KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
DAC709KH-2 TI-DAC709KH-2 Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC709KH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
   Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC667 BURR-BROWN-DAC667 Datasheet
159Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
ADC574A BURR-BROWN-ADC574A Datasheet
103Kb / 10P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
ADC674 BURR-BROWN-ADC674 Datasheet
56Kb / 6P
   Microprocessor-Compatible ANALOG-TO-DIGITAL CONVERTER
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com