Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0281A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0281A
Description  SAW IF Filter 50MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0281A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0281A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0281A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0281A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0281A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0281A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 50MHz (SMD 13.3×6.5 mm)
MODEL NO.: TB0281A
REV. NO.1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. Operating Temperature: -40°C to 65°C
3. Storage Temperature: -40°C to 85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency, Fc
MHz
49.7
50
50.3
-
Minimum Insertion Loss, IL
dB
-
10
11
-
Amplitude ripple at any 200KHz bandwidth
within 5.6MHz
MHz
-
0.7
1
-
1dB Bandwidth
MHz
5.62
5.77
-
-
3dB Bandwidth
MHz
-
6.12
6.165
-
40dB Bandwidth
MHz
-
8.22
9.00
-
Group Delay Variation within 5.6MHz BW
nS
150
200
-
Phase Linearity within 5.6MHz BW
rms
2
3
-
Triple transit supression
dB
35
40
-
-
Attenuation:(Reference level from Min IL)
(1) DC~20MHz
dB
40
48
(2) 20MHz~45MHz
dB
30
37
(3) 55MHz~65MHz
dB
30
34
(4) 65MHz~75MHz
dB
38
42
(5) 75MHz~135MHz
dB
40
47
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0281A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0281A GOLLEDGE-TB0281A Datasheet
154Kb / 4P
   SAW Filter 50.0MHz
More results

Similar Description - TB0281A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0282A TAI-SAW-TB0282A Datasheet
679Kb / 5P
   SAW IF Filter 50MHz
logo
SIPAT Co,Ltd
LBS05002 SIPAT-LBS05002 Datasheet
145Kb / 3P
   50MHz SAW Filter 1.2MHz Bandwidth
LBS05002 SIPAT-LBS05002 Datasheet
145Kb / 3P
   50MHz SAW Filter 1.2MHz Bandwidth
logo
Oscilent Corporation
813-SL60.0M-11 OSCILENT-813-SL60.0M-11 Datasheet
291Kb / 3P
   IF SAW Filter
813-SL70.0M-16 OSCILENT-813-SL70.0M-16 Datasheet
232Kb / 3P
   IF SAW Filter
logo
TDK Electronics
B39191B5219H810 TDK-B39191B5219H810 Datasheet
118Kb / 8P
   SAW IF filter
logo
EPCOS
B1708 EPCOS-B1708 Datasheet
104Kb / 10P
   SAW IF filter
logo
Oscilent Corporation
813-SL70.0M-20 OSCILENT-813-SL70.0M-20 Datasheet
302Kb / 2P
   IF SAW Filter
logo
EPCOS
B5105 EPCOS-B5105 Datasheet
103Kb / 8P
   SAW IF filter
B1707 EPCOS-B1707 Datasheet
104Kb / 10P
   SAW IF filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com