Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0318A Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0318A
Description  SAW Filter 40MHz SMD 7.0횞5.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0318A Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0318A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0318A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-03S06-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Approval Sheet For Product Specification
Issued Date:
Product Name: SAW Filter 40MHz
SMD 7.0×5.0 mm
TST Parts No.:TB0318A
Customer Parts No.:
Company:
Division:
Approved by :
Date:
Checked by:
Andy Lee
Approval by:
Francis Chen
Date:
2005/08/12


Similar Part No. - TB0318A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0318A GOLLEDGE-TB0318A Datasheet
175Kb / 5P
   SAW Filter 40.0MHz
More results

Similar Description - TB0318A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1106A TAI-SAW-TB1106A Datasheet
100Kb / 7P
   SAW Filter 276.5MHz 40MHz BW (SMD 7.0횞5.0 mm)
TB1176A TAI-SAW-TB1176A Datasheet
200Kb / 10P
   SAW Filter 184.32MHz 40MHz BW (SMD 7.0횞5.0 mm)
TA0289A TAI-SAW-TA0289A Datasheet
474Kb / 7P
   SAW Filter 159.0125MHz SMD 7.0횞5.0 mm
TA0395A TAI-SAW-TA0395A Datasheet
471Kb / 6P
   SAW Filter 159.1625MHz SMD 7.0횞5.0 mm
TA0378A TAI-SAW-TA0378A Datasheet
462Kb / 5P
   SAW Filter 184MHz SMD 7.0횞5.0 mm
TA0377A TAI-SAW-TA0377A Datasheet
464Kb / 5P
   SAW Filter 169MHz SMD 7.0횞5.0 mm
TB1193A TAI-SAW-TB1193A Datasheet
210Kb / 7P
   SAW Filter 156.25MHz (SMD 7.0횞5.0 mm)
TB1052A TAI-SAW-TB1052A Datasheet
309Kb / 7P
   SAW Filter 307.2MHz 62MHz BW (SMD 7.0횞5.0 mm)
TB1166A TAI-SAW-TB1166A Datasheet
117Kb / 7P
   SAW Filter 46.3MHz 21MHz BW (SMD 7.0횞5.0 mm)
TB1031A TAI-SAW-TB1031A Datasheet
297Kb / 7P
   SAW Filter 307.2MHz 41MHz BW (SMD 7.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com