Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC716UB Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC716UB
Description  16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC716UB Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC716UB Datasheet HTML 4Page - Burr-Brown (TI) DAC716UB Datasheet HTML 5Page - Burr-Brown (TI) DAC716UB Datasheet HTML 6Page - Burr-Brown (TI) DAC716UB Datasheet HTML 7Page - Burr-Brown (TI) DAC716UB Datasheet HTML 8Page - Burr-Brown (TI) DAC716UB Datasheet HTML 9Page - Burr-Brown (TI) DAC716UB Datasheet HTML 10Page - Burr-Brown (TI) DAC716UB Datasheet HTML 11Page - Burr-Brown (TI) DAC716UB Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
®
DAC716
DAC716 CALIBRATION VALUES
1 LEAST SIGNIFICANT BIT = 152
µV
DIGITAL INPUT CODE
ANALOG OUTPUT (V)
STRAIGHT BINARY
UNIPOLAR 10V RANGE
DESCRIPTION
FFFFH
+9.999695
+ Full Scale –1LSB
|
8000
H
+5.000000
Half Scale
0000H
0.000000
Unipolar Zero
TABLE I. Digital Input and Analog Output Voltage Calibra-
tion Values.
INSTALLATION
GENERAL CONSIDERATIONS
Due to the high precision of these D/A converters, system
design problems such as grounding and contact resistance
become very important. A 16-bit converter with a 10V full-
scale range has a 1LSB value of 152
µV. With a load current
of 5mA, series wiring and connector resistance of only
60m
Ω will cause a voltage drop of 300µV. To understand
what this means in terms of a system layout, the resistivity
of a typical 1 ounce copper-clad printed circuit board is 1/2
m
Ω per square. For a 5mA load, a 0.1 inch wide printed
circuit conductor 0.6 inches long will result in a voltage drop
of 150
µV.
The analog output of DAC716 has an LSB size of 152
µV
(–96dB). The rms noise floor of the D/A should remain below
this level in the frequency range of interest. The DAC716’s
output noise spectral density (which includes the noise contrib-
uted by the internal reference) is shown in the Typical Perfor-
mance Curves section.
Wiring to high-resolution D/A converters should be routed
to provide optimum isolation from sources of RFI and EMI.
The key to elimination of RF radiation or pickup is small
loop area. Signal leads and their return conductors should be
kept close together such that they present a small capture
cross-section for any external field. Wire-wrap construction
is not recommended.
POWER SUPPLY AND
REFERENCE CONNECTIONS
Power supply decoupling capacitors should be added as
shown in Figure 4. Best performance occurs using a 1 to
10
µF tantalum capacitor at –V
CC. Applications with less
critical settling time may be able to use 0.01
µF at –V
CC
as well as at +VCC. The capacitors should be located
close to the package.
The DAC716 has separate ANALOG COMMON and DIGI-
TAL COMMON pins. The current through DCOM is mostly
switching transients and are up to 1mA peak in amplitude.
The current through ACOM is typically 5
µA for all codes.
Use separate analog and digital ground planes with a single
interconnection point to minimize ground loops. The analog
FIGURE 4. Power Supply Connections.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1µF
1µF
DAC716
DCOM
+V
CC
ACOM
–V
CC
+12V to +15V
–12V to –15V
+
+
pins are located adjacent to each other to help isolate analog
from digital signals. Analog signals should be routed as far
as possible from digital signals and should cross them at
right angles. A solid analog ground plane around the D/A
package, as well as under it in the vicinity of the analog and
power supply pins, will isolate the D/A from switching
currents. It is recommended that DCOM and ACOM be
connected directly to the ground planes under the package.
If several DAC716s are used or if the DAC716 shares
supplies with other components, connecting the ACOM and
DCOM lines together at the power supplies only rather than
at each chip, may give better results.
LOAD CONNECTIONS
Since the reference point for VOUT and VREF OUT is the
ACOM pin, it is important to connect the D/A converter load
directly to the ACOM pin. Refer to Figure 5.
Lead and contact resistances are represented by R1 through
R3. As long as the load resistance RL is constant, R1 simply
introduces a gain error and can be removed by gain adjust-
ment of the D/A or system-wide gain calibration. R2 is part
of RL if the output voltage is sensed at ACOM.
In some applications it is impractical to return the load to the
ACOM pin of the D/A converter. Sensing the output voltage
at the SYSTEM GROUND point is reasonable, because there
is no change in DAC716 ACOM current, provided that R3 is
a low-resistance ground plane or conductor. In this case you
may wish to connect DCOM to SYSTEM GROUND as well.
GAIN AND OFFSET ADJUST
Connections Using Potentiometers
GAIN and OFFSET adjust pins provide for trim using
external potentiometers. 15-turn potentiometers provide suf-
ficient resolution. Range of adjustment of these trims is at
least
±0.3% of Full Scale Range. Refer to Figure 6.


Similar Part No. - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716UB TI1-DAC716UB Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC716UBG4 TI1-DAC716UBG4 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
More results

Similar Description - DAC716UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 BURR-BROWN-DAC712 Datasheet
302Kb / 12P
   16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
   Quad 12-Bit Digital-to-Analog Converter Serial Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com