Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0341A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0341A
Description  SAW IF Filter 240MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0341A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0341A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0341A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0341A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0341A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0341A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0341A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
2. TAPE DIMENSION
H. RECOMMENDED REFLOW PROFILE:


Similar Part No. - TB0341A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0341A GOLLEDGE-TB0341A Datasheet
136Kb / 5P
   240.0MHz SAW Filter
More results

Similar Description - TB0341A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL240.0M-28A OSCILENT-813-SL240.0M-28A Datasheet
214Kb / 6P
   240MHz IF SAW Filter 28.0MHz Bandwidth
logo
Golledge Electronics Lt...
MA09923 GOLLEDGE-MA09923 Datasheet
95Kb / 5P
   SAW Filter 240MHz
MP02165 GOLLEDGE-MP02165 Datasheet
120Kb / 5P
   SAW Filter 240MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB1156A TAI-SAW-TB1156A Datasheet
222Kb / 8P
   IF SAW Filter 240MHz(BW=5MHz) SMD 13.3횞6.5mm
logo
SIPAT Co,Ltd
LB240DS01 SIPAT-LB240DS01 Datasheet
152Kb / 3P
   240MHz SAW Filter
logo
Golledge Electronics Lt...
MP03312 GOLLEDGE-MP03312 Datasheet
145Kb / 5P
   SAW Filter 240MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0429A TAI-SAW-TB0429A Datasheet
186Kb / 7P
   240MHz IF SAW Filter (BW=20 MHz) SMD 5.0횞7.0 mm
logo
SIPAT Co,Ltd
LBT24004 SIPAT-LBT24004 Datasheet
146Kb / 3P
   240MHz SAW Filter 19MHz Bandwidth
LBS24001 SIPAT-LBS24001 Datasheet
140Kb / 3P
   240MHz SAW Filter 4MHz Bandwidth
LBS24001 SIPAT-LBS24001 Datasheet
146Kb / 3P
   240MHz SAW Filter 4MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com