Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0364A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0364A
Description  44MHz IF SAW Filter (BW=6.5 MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0364A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0364A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0364A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales3@mail.taisaw.com Web: www.taisaw.com
SAW Filter 44MHz (SMD 13.3×6.5 mm)
Model No.: TB0364A
Rev. No.:2.0
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2. Operating Temperature: -40
°C to +85°C
3. Storage Temperature: -40
°C to +85°C
B. Characteristics :
Item
Unit
Min.
Type.
Max.
Center frequency, Fc
MHz
-
44
-
Insertion Loss, IL
dB
-
11.5
16
3 dB Bandwidth
MHz
6.5
6.8
Pass band Ripple Fc±2.7MHz
dB
-
0.9
1.2
Stopband Rejection (ref: Max IL)
Relative Attenuation Fc±3.6MHz
dB
4
6
Relative Attenuation Fc±4.0MHz
dB
14
16
Relative Attenuation Fc±7.0MHz
dB
40
46
Relative Attenuation
26.5MHz to 37MHz
dB
40
58
Relative Attenuation
51MHz to 61.5MHz
dB
40
42
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0364A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0364A GOLLEDGE-TB0364A Datasheet
114Kb / 5P
   SAW Filter 44.0MHz
More results

Similar Description - TB0364A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0362A TAI-SAW-TB0362A Datasheet
236Kb / 7P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0363A TAI-SAW-TB0363A Datasheet
238Kb / 7P
   44MHz IF SAW Filter (BW=3.4 MHz)
TB0362A TAI-SAW-TB0362A Datasheet
222Kb / 6P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
   IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
TB0486A TAI-SAW-TB0486A Datasheet
321Kb / 4P
   IF SAW Filter 44MHz(BW=5.6MHz) for digital TV
TB0496A TAI-SAW-TB0496A Datasheet
321Kb / 4P
   IF SAW Filter 44MHz(BW=6.0z) for digital TV
TB1322A TAI-SAW-TB1322A Datasheet
395Kb / 7P
   70 MHz 5.85MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB0630A TAI-SAW-TB0630A Datasheet
108Kb / 7P
   IF SAW Filter 71 MHz 0.25MHz BW SMD 13.3 x 6.5 mm
TB1369A TAI-SAW-TB1369A Datasheet
402Kb / 7P
   110.592 MHz 300kHz BW SMD 13.3 x 6.5 mm SAW IF Filter
TB0195C TAI-SAW-TB0195C Datasheet
510Kb / 6P
   70 MHz 3.0MHz BW SMD 13.3 x 6.5 mm SAW IF Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com