Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7612UB Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC7612UB
Description  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7612UB Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC7612UB Datasheet HTML 4Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 5Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 6Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 7Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 8Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 9Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 10Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 11Page - Burr-Brown (TI) DAC7612UB Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
DAC7612
next 12 bits are the code (MSB-first) sent to the DAC. The
data format is Straight Binary and is loaded MSB-first into
the shift registers after loading the address bits. Table I shows
the relationship between input code and output voltage.
The digital data into the DAC7612 is double-buffered. This
means that new data can be entered into the chosen DAC
without disturbing the old data and the analog output of the
converter. At some point after the data has been entered into
the serial shift register, this data can be transferred into the
DAC registers. This transfer is accomplished with a HIGH
to LOW transition of the LOADDACS pin. The LOADDACS
pin makes the DAC registers transparent. If new data is
shifted into the shift register while LOADDACS is LOW,
the DAC output voltages will change as each new bit is
entered. To prevent this, LOADDACS must be returned
HIGH prior to shifting in new serial data.
DIGITAL-TO-ANALOG CONVERTER
The internal DAC section is a 12-bit voltage output
device that swings between ground and the internal ref-
erence voltage. The DAC is realized by a laser-trimmed
R-2R ladder network which is switched by N-channel
MOSFETs. Each DAC output is internally connected to a
rail-to-rail output operational amplifier.
OUTPUT AMPLIFIER
A precision, low-power amplifier buffers the output of each
DAC section and provides additional gain to achieve a 0V to
4.095V range. Each amplifier has low offset voltage, low
OPERATION
The DAC7612 is a dual, 12-bit digital-to-analog converter
(DAC) complete with a serial-to-parallel shift register, DAC
registers, laser-trimmed 12-bit DACs, on-board reference,
and rail-to-rail output amplifiers. Figure 1 shows the basic
operation of the DAC7612.
INTERFACE
Figure 1 shows the basic connection between a
microcontroller and the DAC7612. The interface consists of
a Serial Clock (CLK), Serial Data (SDI), and a Load DAC
signal (LOADDACS). In addition, a chip select (CS) input is
available to enable serial communication when there are
multiple serial devices. Loading either DAC A or DAC B is
done by shifting 14 serial bits in via the SDI input. The first
2 bits represent the address of the DAC to be updated and the
DAC7612 Full-Scale Range = 4.095V
Least Significant Bit = 1mV
DIGITAL INPUT CODE
ANALOG OUTPUT
STRAIGHT OFFSETBINARY
(V)
DESCRIPTION
FFFH
+4.095
Full Scale
801H
+2.049
Midscale + 1 LSB
800H
+2.048
Midscale
7FFH
+2.047
Midscale – 1 LSB
000H
0
Zero Scale
TABLE I. Digital Input Code and Corresponding Ideal
Analog Output.
FIGURE 1. Basic Operation of the DAC7612.
1
2
3
4
8
7
6
5
SDI
CLK
LOADDACS
CS
V
OUTA
V
DD
GND
V
OUTB
DAC7612U
Serial Data
Serial Clock
Load DACs
Chip Select
0.1
µF
0V to +4.095V
0V to +4.095V
10
µF
+


Similar Part No. - DAC7612UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612UB TI1-DAC7612UB Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB TI1-DAC7612UB Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB/2K5 TI1-DAC7612UB/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB/2K5 TI1-DAC7612UB/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612UB/2K5G4 TI1-DAC7612UB/2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7612UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com