Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF10A400HPI-1 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SF10A400HPI-1
Description  400V, 10A ULTRAFAST DUAL RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SF10A400HPI-1 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SF10A400HPI-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SF10A400HPI-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D0O019-001
5
SF10A400HPI
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.


Similar Part No. - SF10A400HPI-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HPI KODENSHI-SF10A400HPI Datasheet
286Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
More results

Similar Description - SF10A400HPI-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SF10A400HPR-1 KODENSHI-SF10A400HPR-1 Datasheet
288Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
SF10A400HPI KODENSHI-SF10A400HPI Datasheet
286Kb / 5P
   400V, 10A ULTRAFAST DUAL RECTIFIERS
SF10S400D2 KODENSHI-SF10S400D2 Datasheet
287Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H-1 KODENSHI-SF10A400H-1 Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
KSD-D6S003-002 KODENSHI-KSD-D6S003-002 Datasheet
291Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF10A400H KODENSHI-SF10A400H Datasheet
300Kb / 5P
   400V, 10A ULTRAFAST RECOVERY RECTIFIERS
SF20A400HPR KODENSHI-SF20A400HPR Datasheet
313Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPI-1 KODENSHI-SF20A400HPI-1 Datasheet
287Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF20A400HPI KODENSHI-SF20A400HPI Datasheet
298Kb / 5P
   400V, 20A ULTRAFAST DUAL RECTIFIERS
SF10A300HPI KODENSHI-SF10A300HPI Datasheet
284Kb / 5P
   300V, 10A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com