Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8043 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8043
Description  CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8043 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  DAC8043 Datasheet HTML 1Page - Burr-Brown (TI) DAC8043 Datasheet HTML 2Page - Burr-Brown (TI) DAC8043 Datasheet HTML 3Page - Burr-Brown (TI) DAC8043 Datasheet HTML 4Page - Burr-Brown (TI) DAC8043 Datasheet HTML 5Page - Burr-Brown (TI) DAC8043 Datasheet HTML 6Page - Burr-Brown (TI) DAC8043 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
®
DAC8043
DISCUSSION OF
SPECIFICATIONS
RELATIVE ACCURACY
This term, also known as end point linearity or integral
linearity, describes the transfer function of analog output to
digital input code. Relative accuracy describes the deviation
from a straight line, after zero and full scale errors have been
adjusted to zero.
DIFFERENTIAL NONLINEARITY
Differential nonlinearity is the deviation from an ideal 1LSB
change in the output when the input code changes by 1LSB.
A differential nonlinearity specification of 1LSB maximum
guarantees monotonicity.
GAIN ERROR
Gain error is the difference between the full-scale DAC
output and the ideal value. The ideal full scale output value
for the DAC8043 is –(4095/4096)VREF. Gain error may be
adjusted to zero using external trims as shown in Figure 4.
OUTPUT LEAKAGE CURRENT
The current which appears at I
OUT with the DAC loaded with
all zeros.
OUTPUT CAPACITANCE
The parasitic capacitance measured from I
OUT to GND.
FEEDTHROUGH ERROR
The AC output error due to capacitive coupling from VREF to
I
OUT with the DAC loaded with all zeros.
OUTPUT CURRENT SETTLING TIME
The time required for the output current to settle to within
+0.01% of final value for a full scale step.
DIGITAL-TO-ANALOG GLITCH ENERGY
The integrated area of the glitch pulse measured in nanovolt-
seconds. The key contributor to digital-to-analog glitch is
charge injected by digital logic switching transients.
CIRCUIT DESCRIPTION
Figure 1 shows a simplified schematic of a DAC8043. The
current from the VREF pin is switched between IOUT and GND
by 12 single-pole double-throw CMOS switches. This main-
tains a constant current in each leg of the ladder regardless of
the input code. The input resistance at V
REF is therefore
constant and can be driven by either a voltage or current, AC
or DC, positive or negative polarity, and have a voltage range
up to
±20V.
A CMOS switch transistor, included in series with the ladder
terminating resistor and in series with the feedback resistor,
RFB, compensates for the temperature drift of the ON resis-
tance of the ladder switches.
Figure 2 shows an equivalent circuit for the DAC. COUT is the
output capacitance due to the N-channel switches and varies
from about 80pF to 110pF with digital input code. The current
source I
LKG is the combination of surface and junction leak-
ages to the substrate. ILKG approximately doubles every 10°C.
R
O is the equivalent output resistance of the D/A and it varies
with input code.
FB
R
OUT
I
V
REF
I
LKG
R
OUT
C
O
R
GND
D
IN
4096
x
V
REF
R
R
FIGURE 2. Equivalent Circuit for the DAC.
INSTALLATION
ESD PROTECTION
All digital inputs of the DAC8043 incorporate on-chip ESD
protection circuitry. This protection is designed to withstand
2.5kV (using the Human Body Model, 100pF and 1500
Ω).
However, industry standard ESD protection methods should
be used when handling or storing these components. When
not in use, devices should be stored in conductive foam or
rails. The foam or rails should be discharged to the destina-
tion socket potential before devices are removed.
POWER SUPPLY CONNECTIONS
The DAC8043 is designed to operate on VDD = +5V ±5%.
For optimum performance and noise rejection, power supply
decoupling capacitors CD should be added as shown in the
application circuits. These capacitors (1
µF tantalum recom-
mended) should be located close to the D/A. Output op amp
analog common (+ input) should be connected as near to the
GND pins of the DAC8043 as possible.
WIRING PRECAUTIONS
To minimize AC feedthrough when designing a PC board,
care should be taken to minimize capacitive coupling be-
tween the VREF lines and the IOUT lines. Coupling from any
of the digital control or data lines might degrade the glitch
performance. Solder the DAC8043 directly into the PC board
without a socket. Sockets add parasitic capacitance (which
can degrade AC performance).
OUT
I
GND
FB
R
2R
2R
2R
2R
2R
RR
R
V
REF
Bit 1
(MSB)
Bit 2
Bit 3
Bit 12
(LSB)
R
FIGURE 1. Simplified Circuit Diagram for the DAC.


Similar Part No. - DAC8043

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
DAC8043 TI-DAC8043 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results

Similar Description - DAC8043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com