Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8043 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8043
Description  CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8043 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC8043 Datasheet HTML 1Page - Burr-Brown (TI) DAC8043 Datasheet HTML 2Page - Burr-Brown (TI) DAC8043 Datasheet HTML 3Page - Burr-Brown (TI) DAC8043 Datasheet HTML 4Page - Burr-Brown (TI) DAC8043 Datasheet HTML 5Page - Burr-Brown (TI) DAC8043 Datasheet HTML 6Page - Burr-Brown (TI) DAC8043 Datasheet HTML 7Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
®
DAC8043
DAC8043
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC8043
FEATURES
q 12-BIT ACCURACY IN 8-PIN SOIC
q FAST 3-WIRE SERIAL INTERFACE
q LOW INL AND DNL:
±1/2 LSB max
q GAIN ACCURACY TO
±1LSB max
q LOW GAIN TEMPCO: 5ppm/
°C max
q OPERATES WITH +5V SUPPLY
q TTL/CMOS COMPATIBLE
q ESD PROTECTED
CMOS 12-Bit Serial Input Multiplying
DIGITAL-TO-ANALOG CONVERTER
APPLICATIONS
q AUTOMATIC CALIBRATION
q MOTION CONTROL
q MICROPROCESSOR CONTROL SYSTEMS
q PROGRAMMABLE AMPLIFIER/
ATTENUATORS
q DIGITALLY CONTROLLED FILTERS
DESCRIPTION
The DAC8043 is a 12-bit current output multiplying
digital-to-analog converter (DAC) that is packaged in a
space-saving, surface-mount 8-pin SOIC. Its 3-wire se-
rial interface saves additional circuit board space which
results in low power dissipation. When used with micro-
processors having a serial port, the DAC8043 minimizes
the digital noise feedthrough from its input to output.
The serial port can be used as a dedicated analog bus and
kept inactive while the DAC8043 is in use. Serial inter-
facing reduces the complexity of opto or transformer
isolation applications.
The DAC8043 contains a 12-bit serial-in, parallel-out
shift register, a 12-bit DAC register, a 12-bit CMOS
DAC, and control logic. Serial input (SRI) data is clocked
into the input register on the rising edge of the clock
(CLK) pulse. When the new data word had been clocked
in, it is loaded into the DAC register by taking the LD
input low. Data in the DAC register is converted to an
output current by the D/A converter.
The DAC8043 operates from a single +5V power supply
which makes the DAC8043 an ideal low power, small
size, high performance solution for several applications.
12-Bit
D/A
Converter
12-Bit
DAC Register
12-Bit Input
Shift Register
12
12
V
REF
LD
CLK
SRI
R
FB
I
OUT
V
DD
GND
1
5
7
6
2
3
8
4
R
FB
©1993 Burr-Brown Corporation
PDS-1197B
Printed in U.S.A. March, 1998


Similar Part No. - DAC8043

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
DAC8043 TI-DAC8043 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043A AD-DAC8043A Datasheet
137Kb / 8P
   12-Bit Serial Input Multiplying D/A Converter
REV. 0
More results

Similar Description - DAC8043

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
DAC8043 AD-DAC8043 Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
logo
Texas Instruments
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
[Old version datasheet]   14-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com