Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC902 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC902
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC902 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC902 Datasheet HTML 4Page - Burr-Brown (TI) DAC902 Datasheet HTML 5Page - Burr-Brown (TI) DAC902 Datasheet HTML 6Page - Burr-Brown (TI) DAC902 Datasheet HTML 7Page - Burr-Brown (TI) DAC902 Datasheet HTML 8Page - Burr-Brown (TI) DAC902 Datasheet HTML 9Page - Burr-Brown (TI) DAC902 Datasheet HTML 10Page - Burr-Brown (TI) DAC902 Datasheet HTML 11Page - Burr-Brown (TI) DAC902 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
DAC902
TYPICAL PERFORMANCE CURVES, VD = VA = +5V (Cont.)
At TA = +25°C, differential transformer coupled output, 50Ω doubly terminated, and SFDR up to Nyquist, unless otherwise noted.
FOUR-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
510
15
20
25
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
SFDR = 66dBc
Amplitude = 0dBFS
DUAL-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5
1015
20
25
3035
40
45
50
f
CLOCK = 100MSPS
f
OUT1 = 13.5MHz
f
OUT2 = 14.5MHz
SFDR = 64dBc
Amplitude = 0dBFS
SINGLE-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5
1015
20
25
3035
40
45
50
f
CLOCK = 100MSPS
f
OUT = 2.1MHz
SFDR = 74dBc
Amplitude = 0dBFS


Similar Part No. - DAC902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E TI1-DAC902E Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E/2K5 TI1-DAC902E/2K5 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902E/2K5G4 TI1-DAC902E/2K5G4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902EG4 TI1-DAC902EG4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC902

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com