Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC902U Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC902U
Description  12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC902U Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DAC902U Datasheet HTML 1Page - Burr-Brown (TI) DAC902U Datasheet HTML 2Page - Burr-Brown (TI) DAC902U Datasheet HTML 3Page - Burr-Brown (TI) DAC902U Datasheet HTML 4Page - Burr-Brown (TI) DAC902U Datasheet HTML 5Page - Burr-Brown (TI) DAC902U Datasheet HTML 6Page - Burr-Brown (TI) DAC902U Datasheet HTML 7Page - Burr-Brown (TI) DAC902U Datasheet HTML 8Page - Burr-Brown (TI) DAC902U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
®
DAC902
©1999 Burr-Brown Corporation
PDS-1447B
Printed in U.S.A. May, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
DAC902
DAC902
For most current data sheet and other product
information, visit www.burr-brown.com
12-Bit, 165MSPS
DIGITAL-TO-ANALOG CONVERTER
FEATURES
q SINGLE +5V OR +3V OPERATION
q HIGH SFDR: 5MHz Output at 100MSPS: 67dBc
q LOW GLITCH: 3pV-s
q LOW POWER: 170mW at +5V
q INTERNAL REFERENCE:
Optional Ext. Reference
Adjustable Full-Scale Range
Multiplying Option
APPLICATIONS
q COMMUNICATION TRANSMIT CHANNELS:
WLL, Cellular Base Station
Digital Microwave Links
Cable Modems
q WAVEFORM GENERATION:
Direct Digital Synthesis (DDS)
Arbitrary Waveform Generation (ARB)
q MEDICAL/ULTRASOUND
q HIGH-SPEED INSTRUMENTATION AND
CONTROL
q VIDEO, DIGITAL TV
DESCRIPTION
The DAC902 is a high-speed, digital-to-analog converter (DAC)
offering a 12-bit resolution option within the SpeedPlus Family
of high-performance converters. Featuring pin compatibility
among family members, the DAC908, DAC900, and DAC904
provide a component selection option to an 8-, 10-, and 14-bit
resolution, respectively. All models within this family of D/A
converters support update rates in excess of 165MSPS with
excellent dynamic performance, and are especially suited to
fulfill the demands of a variety of applications.
The advanced segmentation architecture of the DAC902 is
optimized to provide a high Spurious-Free Dynamic Range
(SFDR) for single-tone, as well as for multi-tone signals—
essential when used for the transmit signal path of communica-
tion systems.
The DAC902 has a high impedance (200k
Ω) current output with
a nominal range of 20mA and an output compliance of up to
1.25V. The differential outputs allow for both a differential, or
single-ended analog signal interface. The close matching of the
current outputs ensures superior dynamic performance in the
differential configuration, which can be implemented with a
transformer.
Utilizing a small geometry CMOS process, the monolithic
DAC902 can be operated on a wide, single-supply range of
+2.7V to +5.5V. Its low power consumption allows for use in
portable and battery operated systems. Further optimization can
be realized by lowering the output current with the adjustable
full-scale option.
For noncontinuous operation of the DAC902, a power-down
mode results in only 45mW of standby power.
The DAC902 comes with an integrated 1.24V bandgap refer-
ence and edge-triggered input latches, offering a complete
converter solution. Both +3V and +5V CMOS logic families
can be interfaced to the DAC902.
The reference structure of the DAC902 allows for additional
flexibility by utilizing the on-chip reference, or applying an
external reference. The full-scale output current can be adjusted
over a span of 2mA to 20mA, with one external resistor, while
maintaining the specified dynamic performance.
The DAC902 is available in the SO-28 and TSSOP-28 pack-
ages.
TM
Current
Sources
LSB
Switches
Segmented
Switches
+1.24V Ref.
Latches
12-Bit Data Input
D11...D0
DAC902
FSA
BW
+VD
+VA
AGND
CLK
DGND
REFIN
INT/EXT
IOUT
IOUT
BYP
PD


Similar Part No. - DAC902U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC902U TI1-DAC902U Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902U/1K TI1-DAC902U/1K Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902U/1KG4 TI1-DAC902U/1KG4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC902UG4 TI1-DAC902UG4 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC902U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC902 TI1-DAC902 Datasheet
802Kb / 24P
[Old version datasheet]   12-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC904 BURR-BROWN-DAC904 Datasheet
192Kb / 16P
   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
[Old version datasheet]   14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
[Old version datasheet]   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
   8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com