Electronic Components Datasheet Search |
|
TB374EA Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
|
TB374EA Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD. |
2 / 9 page TAI-SAW TECHNOLOGY CO., LTD. 1 TST DCC Release document TAI-SAW TECHNOLOGY CO., LTD. No.3, Industrial 2nd Rd., Ping-Chen Industrial District, Taoyuan, Taiwan, R.O.C. TEL : 886-3-4690038 FAX : 886-3-4697532 E-mail : tstsales3@mail.taisaw.com SAW Filter 374MHz WLAN MODEL NO.: TB374EA REV. NO.:5 A. MAXIMUM RATING: 1.Input Power Level: 10 dBm 2.Operating Temperature: -10°C to 85°C 3.Storage Temperature: -40°C to 85°C B. ELECTRICAL CHARACTERISTICS: Item Unit Min. Type. Max. Note Center frequency, Fc MHz - 374 - 1 Insertion Loss, IL dB - 8.9 10 1 Passband width, BW3 MHz 17 23 - 1 Amplitude Ripple in Fc±7MHz, AR dB - 0.8 1 1 Group delay ripple in Fc±7MHz, GDT nS - 67 100 1 Triple transit suppression dB 30 38 - 1 Attenuation:(Reference level from Min IL) Fc -100 to –33MHz dB 45 49 - Fc -33to –22MHz dB 40 51 - Fc -22 to –16.5MHz dB 30 45 - Fc +16.5 to +22MHz dB 30 39 - Fc +22 to +43 MHz dB 35 39 Fc +43 to +100MHz dB 40 45 - Note1. The standard definitions is in JIS C 6703 RoHS Compliant Lead free Lead-free soldering |
Similar Part No. - TB374EA |
|
Similar Description - TB374EA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |