Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB374EA Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB374EA
Description  SAW Filter 374MHz SMD 5.0x7.0mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB374EA Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB374EA Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TB374EA Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
C.FREQUENCY CHRACTERISTICS:
(1) Wide-band of S21:
(2) Amplitude ripple:


Similar Part No. - TB374EA

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB374EA GOLLEDGE-TB374EA Datasheet
299Kb / 7P
   374MHz IF SAW Filter
More results

Similar Description - TB374EA

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0841A TAI-SAW-TB0841A Datasheet
341Kb / 6P
   IF SAW Filter 942MHz SMD 5.0X7.0mm
TB0316A TAI-SAW-TB0316A Datasheet
477Kb / 5P
   SAW Filter 374MHz SMD 3.8횞3.8 mm
TB0840A TAI-SAW-TB0840A Datasheet
341Kb / 6P
   IF SAW Filter 897MHz SMD 5.0X7.0mm
TB0151A TAI-SAW-TB0151A Datasheet
440Kb / 5P
   SAW IF Filter 374MHz
TB0152A TAI-SAW-TB0152A Datasheet
640Kb / 6P
   SAW Filter 374MHz WLAN (SMD 3.8횞3.8 mm)
logo
Golledge Electronics Lt...
MA03771 GOLLEDGE-MA03771 Datasheet
299Kb / 7P
   374MHz IF SAW Filter
MA09959 GOLLEDGE-MA09959 Datasheet
71Kb / 6P
   IF SAW Filter 374MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0135A TAI-SAW-TB0135A Datasheet
294Kb / 7P
   SAW IF Filter 374MHz
TB374GD TAI-SAW-TB374GD Datasheet
261Kb / 6P
   SAW Filter 374MHz WLAN
TB0463A TAI-SAW-TB0463A Datasheet
218Kb / 6P
   IF SAW Filter 456 MHz(SMD 5.0X7.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com