Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0399A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0399A
Description  156.8MHz IF SAW Filter (BW=15 MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0399A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0399A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0399A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
E. PCB Footprint:
F. Matching Circuit:
Zin: 50 ohm, Zout: 50 ohm.
L1=82nH, C1=24pF, L2=47nH, C2=15pF


Similar Part No. - TB0399A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0399A GOLLEDGE-TB0399A Datasheet
171Kb / 5P
   SAW Filter 156.80MHz
More results

Similar Description - TB0399A

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2145B RFM-SF2145B Datasheet
252Kb / 5P
   SAW Filter, 895 MHz, 15 MHz BW
logo
TAI-SAW TECHNOLOGY CO.,...
TB0362A TAI-SAW-TB0362A Datasheet
236Kb / 7P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0364A TAI-SAW-TB0364A Datasheet
237Kb / 7P
   44MHz IF SAW Filter (BW=6.5 MHz)
TB0589A TAI-SAW-TB0589A Datasheet
236Kb / 5P
   288MHz IF SAW Filter (BW=20 MHz)
TB0320A TAI-SAW-TB0320A Datasheet
432Kb / 6P
   140MHz IF SAW Filter (BW=6 MHz)
TB0363A TAI-SAW-TB0363A Datasheet
238Kb / 7P
   44MHz IF SAW Filter (BW=3.4 MHz)
TB0377A TAI-SAW-TB0377A Datasheet
249Kb / 6P
   268.4MHz IF SAW Filter (BW=35 MHz)
TB0420A TAI-SAW-TB0420A Datasheet
248Kb / 6P
   494MHz IF SAW Filter (BW=77 MHz)
TB0362A TAI-SAW-TB0362A Datasheet
222Kb / 6P
   44MHz IF SAW Filter (BW=1.7 MHz)
TB0445A TAI-SAW-TB0445A Datasheet
239Kb / 6P
   380MHz IF SAW Filter (BW=5 MHz)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com