Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0462A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0462A
Description  456 MHz 5MHz BW SMD5x5mm IF SAW Filter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0462A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0462A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0462A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
456MHz 5MHz BW SMD5x5mm IF SAW Filter
MODEL NO.: TB0462A
REV No. 1
A. MAXIMUM RATING:
1.Operating Temperature: -20
°C ~ +60 °C
2. Storage Temperature: -40
°C ~ +85 °C
3. Input Power Level: 10 dBm
B. Characteristics :
1. Ambient Temperature: 25
°C
2. Optimal Source Impedance(Balanced): 200 ohms
3. Optimal Load Impedance(Balanced): 200 ohms
Value
Characteristics
Min.
Typ.
Max.
Note
Center Frequency
FC
MHz
-
456
-
-
Minimum Insertion Loss (453.8~458.2MHz) dB
12.0
13.0
Passband Ripple (453.8~458.2MHz)
dB
-
0.50
1.00
-
30dB Bandwidth
MHz
10.6
11.5
Attenuation:( Reference level from minimum insertion loss)
dB
1)
10 MHz ~ 256 MHz
dB
30
70
-
-
2) 256 MHz ~ 360 MHz
dB
40
64
-
-
3) 360 MHz ~ 421 MHz
dB
40
55
-
-
4) 421 MHz ~ 449 MHz
dB
36
44
-
-
5) 463 MHz ~ 491 MHz
dB
36
44
-
-
6) 491 MHz ~ 552 MHz
dB
40
55
-
-
7) 552 MHz ~ 656 MHz
dB
40
66
-
-
8) 656 MHz ~ 946 MHz
dB
30
59
-
-
Absolute Group Delay at Fo
uS
-
0.45
0.55
-
Group Delay Ripple (453.8~458.2MHz)
dB
-
52
100
-
Input Return Loss(453.8~458.2MHz)
dB
10
36
-
-
Output Return Loss (453.8~458.2MHz)
dB
10
18
-
-
Temp Coefficient
ppm/° C2
-0.036
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0462A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0462A GOLLEDGE-TB0462A Datasheet
80Kb / 6P
   SAW Filter 456MHz
More results

Similar Description - TB0462A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0492A TAI-SAW-TB0492A Datasheet
196Kb / 8P
   456 MHz 10.4MHz BW SMD7x5mm IF SAW Filter
TB0427A TAI-SAW-TB0427A Datasheet
253Kb / 7P
   456MHz 7.8MHz BW SMD5x5mm IF SAW Filter
TB0463A TAI-SAW-TB0463A Datasheet
218Kb / 6P
   IF SAW Filter 456 MHz(SMD 5.0X7.0mm)
TB0471A TAI-SAW-TB0471A Datasheet
222Kb / 7P
   IF SAW Filter 456 MHz(SMD 7.0X5.0mm)
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
   IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
TB0194A TAI-SAW-TB0194A Datasheet
422Kb / 4P
   Low Loss 70MHz SAW IF Filter (BW=5MHz)
TB0204A TAI-SAW-TB0204A Datasheet
368Kb / 7P
   IF SAW Filter 261.12MHz(BW=5MHz) SMD 13.3X6.5mm
TB0781A TAI-SAW-TB0781A Datasheet
398Kb / 7P
   IF SAW Filter 153.6MHz(BW=5MHz) SMD 5X7mm
logo
TriQuint Semiconductor
857271 TRIQUINT-857271_15 Datasheet
766Kb / 6P
   456 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB1156A TAI-SAW-TB1156A Datasheet
222Kb / 8P
   IF SAW Filter 240MHz(BW=5MHz) SMD 13.3횞6.5mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com