Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0472A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0472A
Description  SAW Filter 464 MHz SMD 7.0mmX5.0mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0472A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0472A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0472A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
3. Wide band Response
Fig4.
Horizontal: 100MHz/Div
Vertical:
10dB/Div
D. MEASUREMENT CIRCUIT
(1) Single ended input 50 ohm to Single ended Output 50 ohm
L1=15nH L2=18nH C1=18pF C2=22pF


Similar Part No. - TB0472A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0472A GOLLEDGE-TB0472A Datasheet
59Kb / 6P
   SAW Filter 464.0MHz
More results

Similar Description - TB0472A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0575A TAI-SAW-TB0575A Datasheet
321Kb / 7P
   SAW Filter 464 MHz SMD 7.0mmX5.0mm
TB0655A TAI-SAW-TB0655A Datasheet
354Kb / 7P
   SAW Filter 360 MHz SMD 7.0mmx5.0mm
TB0656A TAI-SAW-TB0656A Datasheet
360Kb / 7P
   SAW Filter 359 MHz SMD 7.0mmx5.0mm
logo
TriQuint Semiconductor
856623 TRIQUINT-856623_15 Datasheet
402Kb / 5P
   464 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0603A TAI-SAW-TB0603A Datasheet
277Kb / 7P
   IF SAW Filter 110.592 MHz (SMD 7.0mmX5.0mm)
TA1088A TAI-SAW-TA1088A Datasheet
408Kb / 6P
   SAW Filter 464 MHz
TB0459A TAI-SAW-TB0459A Datasheet
225Kb / 8P
   IF SAW Filter 464 MHz(SMD 7.0X5.0mm)
TB1083A TAI-SAW-TB1083A Datasheet
350Kb / 7P
   SAW Filter 154.04 MHz(BW=16.0MHz) SMD 7.0mmX5.0mm
logo
Integrated Device Techn...
SF0464BA02647S IDT-SF0464BA02647S Datasheet
183Kb / 5P
   Miniature 464 MHz SAW Filter with 5.68 MHz bandwidth
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com