Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0474A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0474A
Description  70MHz IF SAW Filter (BW=35 MHz)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0474A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0474A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0474A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
(3)S11 Smith-Chart: (span 60MHz)
(4)S22 Smith-Chart: (span 60MHz)


Similar Part No. - TB0474A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0474A GOLLEDGE-TB0474A Datasheet
168Kb / 6P
   SAW Filter 70.0MHz
More results

Similar Description - TB0474A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0228A TAI-SAW-TB0228A Datasheet
380Kb / 4P
   70MHz IF SAW Filter (BW=1.4 MHz)
TB0227A TAI-SAW-TB0227A Datasheet
360Kb / 4P
   70MHz IF SAW Filter (BW=1.1 MHz)
TB0377A TAI-SAW-TB0377A Datasheet
249Kb / 6P
   268.4MHz IF SAW Filter (BW=35 MHz)
TB0186A TAI-SAW-TB0186A Datasheet
440Kb / 4P
   70MHz SAW IF Filter (BW=20MHz)
logo
Golledge Electronics Lt...
MA05392 GOLLEDGE-MA05392 Datasheet
98Kb / 3P
   IF SAW Filter Low-Loss 70MHz (BW=9 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0214A TAI-SAW-TB0214A Datasheet
438Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=16 MHz)
logo
Golledge Electronics Lt...
MA05391 GOLLEDGE-MA05391 Datasheet
95Kb / 4P
   IF SAW Filter Low-Loss 70MHz (BW=16 MHz)
logo
TAI-SAW TECHNOLOGY CO.,...
TB0213A TAI-SAW-TB0213A Datasheet
434Kb / 5P
   Low-Loss 70MHz IF SAW Filter (BW=9 MHz)
TB0195A TAI-SAW-TB0195A Datasheet
385Kb / 4P
   Low-Loss 70MHz IF SAW Filter (BW=3.0MHz)
TB0740A TAI-SAW-TB0740A Datasheet
370Kb / 7P
   IF SAW Filter 70MHz(BW=9MHz) SMD 13.3X6.5mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com