Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0475A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0475A
Description  SAW Filter 257.5MHz (SMD 13.3횞6.5 mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0475A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0475A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0475A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
D. Outline Drawing:
Pin K: RF input
Pin E: RF output
Pin A, B, C, D, G, H, I, L, F, J: To be Ground
: Week Code (Follow the table from planner each year)
Unit : mm (week01, 02, 03…52 =>A, B, C…z)
: Product / Year Code
Year
2005
2009
2006
2010
2007
2011
2008
2012
Product Code
B
b
B
b
E. Matching Circuit Configuration:
L1=13nH, C1=30pF, L2=19nH, C2=35pF


Similar Part No. - TB0475A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0475A GOLLEDGE-TB0475A Datasheet
104Kb / 6P
   SAW Filter 257.50MHz
More results

Similar Description - TB0475A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB1116A TAI-SAW-TB1116A Datasheet
121Kb / 7P
   SAW Filter 70MHz (SMD 13.3횞6.5 mm)
TB0419A TAI-SAW-TB0419A Datasheet
230Kb / 7P
   SAW Filter 44MHz (SMD 13.3횞6.5 mm)
TB0418A TAI-SAW-TB0418A Datasheet
234Kb / 7P
   SAW Filter 44MHz (SMD 13.3횞6.5 mm)
TB0728A TAI-SAW-TB0728A Datasheet
386Kb / 8P
   SAW Filter 61.38MHz (SMD 13.3횞6.5 mm)
TB0668A TAI-SAW-TB0668A Datasheet
358Kb / 7P
   SAW Filter 240MHz (SMD 13.3횞6.5 mm)
TB1205A TAI-SAW-TB1205A Datasheet
226Kb / 8P
   SAW Filter 172.25MHz (SMD 13.3횞6.5 mm)
TB1109A TAI-SAW-TB1109A Datasheet
253Kb / 7P
   SAW Filter 70MHz (SMD 13.3횞6.5 mm)
TB1202A TAI-SAW-TB1202A Datasheet
223Kb / 8P
   SAW Filter 118.3MHz (SMD 13.3횞6.5 mm)
TB0399B TAI-SAW-TB0399B Datasheet
206Kb / 6P
   SAW Filter 156.8MHz (SMD 13.3횞6.5 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com