Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB0482A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0482A
Description  SAW Filter 164.175 MHz SMD 5.0X7.0 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0482A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0482A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0482A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 164.175MHz
MODEL NO.:TB0482A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 15 dBm
2. DC Voltage : 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -50°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Type.
Max.
Note
Center frequency
Fc
MHz
-
164.175
-
-
Insertion loss at center frequency
ILc
dB
-
3.6
7.0
-
Ripple (164.17125 ~ 164.17875 MHz)
dB
-
±
0.3
±
1
-
Attenuation (relative to ILc)
163.175 ~ 163.2775 MHz
dB
30
50
-
-
163.2775 ~ 164.075 MHz
dB
7
20
-
-
164.275 ~ 165.0725 MHz
dB
7
20
-
-
165.0725 ~ 165.175 MHz
dB
30
50
-
-
Temperature coefficient of frequency
TCf
-0.034 ppm/C^2
Note1. Considering -20 KHz frequency shift from –40℃ to +85℃
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0482A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0482A GOLLEDGE-TB0482A Datasheet
126Kb / 5P
   SAW Filter 164.1750MHz
More results

Similar Description - TB0482A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0208A TAI-SAW-TB0208A Datasheet
371Kb / 6P
   SAW Filter 243 MHz SMD 5.0x7.0 mm
TB0484A TAI-SAW-TB0484A Datasheet
249Kb / 7P
   SAW Filter 169.2 MHz SMD 5.0X7.0 mm
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
TB0217A TAI-SAW-TB0217A Datasheet
246Kb / 5P
   SAW Filter 140 MHz SMD 5.0x7.0 mm
TB0483A TAI-SAW-TB0483A Datasheet
250Kb / 7P
   SAW Filter 165.45 MHz SMD 5.0X7.0 mm
TB0485A TAI-SAW-TB0485A Datasheet
249Kb / 7P
   SAW Filter 173.075 MHz SMD 5.0X7.0 mm
TB0557A TAI-SAW-TB0557A Datasheet
242Kb / 7P
   SAW Filter 135.53 MHz SMD 5.0X7.0 mm
TB0633A TAI-SAW-TB0633A Datasheet
251Kb / 8P
   SAW Filter 300 MHz SMD 5.0X7.0 mm
TB0276A TAI-SAW-TB0276A Datasheet
333Kb / 6P
   SAW Filter 163 MHz SMD 5.0x7.0 mm
TB0266A TAI-SAW-TB0266A Datasheet
351Kb / 8P
   SAW Filter 246 MHz SMD 5.0x7.0 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com